Electronic Components Datasheet Search
  English  ▼

X  

AD8476 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8476
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8476 Datasheet HTML 5Page - Analog Devices AD8476 Datasheet HTML 6Page - Analog Devices AD8476 Datasheet HTML 7Page - Analog Devices AD8476 Datasheet HTML 8Page - Analog Devices AD8476 Datasheet HTML 9Page - Analog Devices AD8476 Datasheet HTML 10Page - Analog Devices AD8476 Datasheet HTML 11Page - Analog Devices AD8476 Datasheet HTML 12Page - Analog Devices AD8476 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LTC6363 Family
9
Rev. C
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tS
Settling Time to a 8VP-P Output Step
0.1%
0.01%
0.0015% (16-Bit)
4ppm (18-Bit)
420
470
500
810
ns
ns
ns
ns
VOSDIFF (Note 7)
Differential Offset Voltage
VS = 3V
VICM =1.5V
l
25
125
250
µV
µV
VS = 5V
VICM = 2.5V
l
25
125
250
µV
µV
VS = 10V
VICM = 5V
l
25
125
250
µV
µV
∆VOSDIFF/∆T
(Notes 7, 8)
Differential Offset Voltage Drift
VS = 3V
VS = 5V
VS = 10V
l
l
l
0.45
0.45
0.45
1.25
1.25
1.25
µV/°C
µV/°C
µV/°C
GDIFF
Differential Gain
VOUT = 16VP-P
2
V/V
Differential Gain Error
l
±0.002
±0.0045
±0.0075
%
%
Differential Gain Nonlinearity
0.5
ppm
Differential Gain Drift vs Temperature (Note 8)
l
±0.2
±0.5
ppm/°C
en (Note 7)
Differential Input Referred Noise Voltage
Density
f = 100kHz,
(Includes Internal Resistor Noise)
7.55
nV/√Hz
envocm
Common Mode Noise Voltage Density
f = 100kHz
20
nV/√Hz
RIN
Input Resistance
Common Mode
Differential Mode
1050
1400
Ω
Ω
CIN
Input Capacitance
Differential Mode
Common Mode
0.6
13.5
pF
pF
VICMR (Note 9)
Input Common Mode Range
VS = 3V, VOCM = 1.5V
VS = 5V,VOCM = 2.5V
VS = 10V, VOCM = 5V
l
l
l
–0.75
–1.25
–2.5
1.95
4.45
10.7
V
V
V
CMRRI (Note 7)
Input Common Mode Rejection Ratio (Input
Referred) ∆VICM/∆VOSDIFF
VS = 3V, VICM from –0.75V to 1.95V
l
90
80
106
dB
dB
VS = 5V, VICM from –1.25V to 4.45V
l
94
85
112
dB
dB
VS = 10V, VICM from –2.5V to 10.7V
l
94
85
112
dB
dB
CMRRIO (Note 7) Output Common Mode Rejection Ratio (Input
Referred) ∆VOCM/∆VOSDIFF
VS = 3V, VOCM from 0.5V to 2.5V
l
90
85
106
dB
dB
VS = 5V, VOCM from 0.5V to 4.5V
l
94
90
106
dB
dB
VS = 10V, VOCM from 0.5V to 9.5V
l
94
90
106
dB
dB
LTC6363-2 Only. The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications and typical values are at TA = 25°C. V+ = 10V, V– = 0V, VCM = VOCM = VICM
= 5V, VSHDN = open. VS is defined as (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is
defined as (V+OUT – V–OUT).
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com