Electronic Components Datasheet Search
  English  ▼

X  

AD8476 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8476
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8476 Datasheet HTML 10Page - Analog Devices AD8476 Datasheet HTML 11Page - Analog Devices AD8476 Datasheet HTML 12Page - Analog Devices AD8476 Datasheet HTML 13Page - Analog Devices AD8476 Datasheet HTML 14Page - Analog Devices AD8476 Datasheet HTML 15Page - Analog Devices AD8476 Datasheet HTML 16Page - Analog Devices AD8476 Datasheet HTML 17Page - Analog Devices AD8476 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
LTC6363 Family
14
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain and Phase vs
Frequency
Frequency Response
vs Closed-Loop Gain
Frequency Peaking vs Load
Capacitance
RSER = 30Ω
RSER = 10Ω
CAPACITIVE LOAD (pF)
10
100
1000
10000 50000
0
1
2
3
4
5
6
7
8
9
10
6363 G19
OUTPUTS MEASURED
AFTER SERIES RESISTORS
VS = ±5V
VICM = VOCM = 0V
RI = RF = 1k
VS = ±5V
VICM = VOCM = 0V
RI = RF = 1k
NO LOAD
GAIN
PHASE
FREQUENCY (Hz)
10
100
1k
10k 100k 1M 10M 100M
–40
–20
0
20
40
60
80
100
120
140
160
–20
0
20
40
60
80
100
120
140
160
180
6363 G20
AV = 0.1, RI = 2k, RF = 200
AV = 0.25, RI = 1.4k, RF = 350
AV = 0.5, RI = 1.4k, RF = 700
AV = 1, RI = 1k, RF = 1k
AV = 2, RI = 700, RF = 1.4k
AV = 5, RI = 400, RF = 2k
AV = 10, RI = 200, RF = 2k
AV = 20, RI = 100, RF = 2k
AV = 100, RI = 20, RF = 2k
AV = 1000, RI = 2, RF = 2k
FREQUENCY (Hz)
100k
1M
10M
100M 300M
–30
–20
–10
0
10
20
30
40
50
60
70
80
6363 G18
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
0
20
40
60
80
100
120
6363 G17
Input Common Mode Rejection
Ratio vs Frequency
Applicable to the LTC6363 only.
Small Signal Step Response
Large Signal Step Response
VS = ±5V
VICM = VOCM = 0V
RI = RF = 1k
RLOAD = 2k DIFF
VINDIFF = 250mVP-P
SINGLE-ENDED INPUT
V–OUT
V+OUT
200ns/DIV
6363 G21
VS = ±5V
VICM = VOCM = 0V
RI = RF = 1k
RLOAD = 2k DIFF
VINDIFF = 18VP-P
SINGLE-ENDED INPUT
V–OUT
V+OUT
500ns/DIV
6363 G22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com