Electronic Components Datasheet Search
  English  ▼

X  

AD8476 Datasheet(PDF) 30 Page - Analog Devices

Part # AD8476
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD8476 Datasheet HTML 26Page - Analog Devices AD8476 Datasheet HTML 27Page - Analog Devices AD8476 Datasheet HTML 28Page - Analog Devices AD8476 Datasheet HTML 29Page - Analog Devices AD8476 Datasheet HTML 30Page - Analog Devices AD8476 Datasheet HTML 31Page - Analog Devices AD8476 Datasheet HTML 32Page - Analog Devices AD8476 Datasheet HTML 33Page - Analog Devices AD8476 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
LTC6363 Family
30
Rev. C
For more information www.analog.com
V+
CDIFF
3.3nF
CCM
3.3nF
CCM
3.3nF
AIN+
VREF
VDD
5V
LTC2378-20
SAR ADC
2.5V
GND
AIN–
20-BIT
1Msps
6363 F05
RFILT
30.1
RFILT
30.1
VOCM
–OUT
0.1µF
6V
VIN
V–
V+
V–
1050
1050
3.6M
–
+
LTC6363-1
5
+OUT
V+
4
–IN
1
+IN
8
1050
1050
3.6M
3
0.1µF
2.5V
VOCM
2
0.1µF
–1V
V–
6
SHDN
7
Figure 5. Recommended Interface Solution for Driving the LTC2378-20 SAR ADC
settling. For lowest distortion, choose capacitors with low
dielectric absorption (such as a C0G multilayer ceramic
capacitor). In general, large capacitor values attenuate
the fixed nonlinear charge kickback; however very large
capacitor values will detrimentally load the driver at the
desiredinputfrequencyandcausedriverdistortion.Smaller
input swings will allow for larger filter capacitor values
due to decreased loading demands on the driver. This
property may be limited by the particular input amplitude
dependence of differential nonlinear charge kickback for
the specific ADC.
In some applications, placing series resistors at the inputs
of the ADC may further improve distortion performance.
These series resistors function with the ADC sampling
capacitor to filter potential ground bounce or other high
speed sampling disturbances. Additionally, the resistors
limit the rise time of residual filter glitches that manage to
propagate to the driver outputs. Restricting possible glitch
propagation rise time to within the small signal bandwidth
of the driver enables less disturbed output settling.
For the specific application of LTC6363 driving the
LTC2378-20 SAR ADC, the recommended component
values of the RC filter are provided in Figure 5. These
component values are chosen for optimal distortion and
noise performance.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com