Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 5 Page - Analog Devices

Part # LT6004
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6004 Datasheet(HTML) 5 Page - Analog Devices

  LT6004 Datasheet HTML 1Page - Analog Devices LT6004 Datasheet HTML 2Page - Analog Devices LT6004 Datasheet HTML 3Page - Analog Devices LT6004 Datasheet HTML 4Page - Analog Devices LT6004 Datasheet HTML 5Page - Analog Devices LT6004 Datasheet HTML 6Page - Analog Devices LT6004 Datasheet HTML 7Page - Analog Devices LT6004 Datasheet HTML 8Page - Analog Devices LT6004 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2063/LTC2064/LTC2065
5
Rev. C
For more information www.analog.com
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VS = 5V, VCM = VOUT = VS/2, VSHDN = 5V,
RL to VS/2.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by two series connected ESD protection
diodes to each power supply. The input current should be limited to less than
10mA. The input voltage should not exceed 300mV beyond the power supply.
Note 3: A heat sink may be required to keep the junction temperature below
the absolute maximum rating when the output is shorted indefinitely.
Note 4: The LTC2063I/LTC2064I/LTC2065I are guaranteed to meet
specified performance from –40°C to 85°C. The LTC2063H/LTC2064H/
LTC2065H are guaranteed to meet specified performance from –40°C
to 125°C.
Note 5: Thermal resistance varies with the amount of PC board metal
connected to the package. The specified values are for short traces
connected to the leads.
Note 6: These parameters are guaranteed by design. Thermocouple effects
preclude measurements of these voltage levels during automated testing.
VOS is measured to a limit determined by test equipment capability.
Note 7: Input bias current is only production tested at 5V. Input bias
current at 1.8V is expected to meet or exceed 5V specifications.
Note 8: Minimum specifications for these parameters are limited by noise
and the capabilities of the automated test system.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Output Voltage Swing Low (VOUT – V–)
RL = 499k
0.1
mV
RL = 10k
l
5.5
15
20
mV
mV
VOH
Output Voltage Swing High (V+ – VOUT)
RL = 499k
0.15
mV
RL = 10k
l
7
15
20
mV
mV
ISC
Output Short Circuit Current
Sourcing
l
30
16
51
mA
mA
Sinking
l
20
5
48
mA
mA
SR
Slew Rate
AV = +1
3.5
V/ms
GBW
Gain Bandwidth Product
RL = 499k
20
kHz
tON
Power-Up Time
2
ms
fC
Internal Chopping Frequency
5
kHz
VS
Supply Voltage Range
Guaranteed by PSRR
l
1.7
5.25
V
IS
Supply Current per Amplifier
No Load
–40°C to 85°C
–40°C to 125°C
l
l
1.4
2
2.5
4
μA
μA
µA
In Shutdown (SHDN = V–)
–40°C to 85°C
–40°C to 125°C
l
l
90
170
250
500
nA
nA
nA
VH
SHDN Pin Threshold, Logic High (Referred to V–)
l
1.8
V
VL
SHDN Pin Threshold, Logic Low (Referred to V–)
l
0.8
V
ISHDN
SHDN Pin Current
VSHDN = 0V
l
–150
–20
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com