Electronic Components Datasheet Search
  English  ▼

X  

LT6004 Datasheet(PDF) 10 Page - Analog Devices

Part # LT6004
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6004 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT6004 Datasheet HTML 6Page - Analog Devices LT6004 Datasheet HTML 7Page - Analog Devices LT6004 Datasheet HTML 8Page - Analog Devices LT6004 Datasheet HTML 9Page - Analog Devices LT6004 Datasheet HTML 10Page - Analog Devices LT6004 Datasheet HTML 11Page - Analog Devices LT6004 Datasheet HTML 12Page - Analog Devices LT6004 Datasheet HTML 13Page - Analog Devices LT6004 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2063/LTC2064/LTC2065
10
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Undistorted Output
Amplitude vs Frequency
Supply Current vs Supply Voltage
THD vs Frequency
AV = +1
VS = ±2.5V
VOUT = ±2V
RL=499kΩ
RL=100kΩ
RL=10kΩ
FREQUENCY (Hz)
20
100
500
–100
–80
–60
–40
–20
2063 G35
VS = ±2.5V
AV = +1
THD < –40dB
RL=10kΩ
RL=100kΩ
RL=499kΩ
FREQUENCY (Hz)
20
100
1k
2k
0
1
2
3
4
5
6
2063 G36
125°C
85°C
25°C
–40°C
VS (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
0
0.5
1.0
1.5
2.0
2.5
2063 G37
VS = 5V
–40°C
25°C
85°C
125°C
VSHDN (V)
–1
0
1
2
3
4
5
6
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
2063 G41
VS = 1.8V
–40°C
25°C
85°C
125°C
VSHDN (V)
–1
–0.5
0
0.5
1
1.5
2
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
2063 G42
SHDN Pin Pull-Up Current vs
SHDN Pin Voltage
SHDN Pin Pull-Up Current vs
SHDN Pin Voltage
Supply Current vs Temperature
VS = 5V
VS = 1.8V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.8
1.0
1.2
1.4
1.8
2.2
1.6
2.0
2063 G38
Supply Current vs SHDN Pin
Voltage
Supply Current vs SHDN Pin
Voltage
125°C
85°C
25°C
–40°C
VS = 5V
SHDN PIN VOLTAGE (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
1
2
3
4
5
6
7
8
9
10
2063 G39
125°C
85°C
25°C
–40°C
VS = 1.8V
SHDN PIN VOLTAGE (V)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8
0
0.5
1.0
1.5
2.0
2.5
3.0
2063 G40
LTC2065 Crosstalk vs Frequency
RL = 10k
ADJACENT CHANNELS
DIAGONAL CHANNELS
FREQUENCY (Hz)
100
1k
10k
100k
1M
–140
–120
–100
–80
–60
–40
–20
0
2063 G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com