Electronic Components Datasheet Search
  English  ▼

X  

LT2178 Datasheet(PDF) 1 Page - Analog Devices

Part # LT2178
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT2178 Datasheet(HTML) 1 Page - Analog Devices

  LT2178 Datasheet HTML 1Page - Analog Devices LT2178 Datasheet HTML 2Page - Analog Devices LT2178 Datasheet HTML 3Page - Analog Devices LT2178 Datasheet HTML 4Page - Analog Devices LT2178 Datasheet HTML 5Page - Analog Devices LT2178 Datasheet HTML 6Page - Analog Devices LT2178 Datasheet HTML 7Page - Analog Devices LT2178 Datasheet HTML 8Page - Analog Devices LT2178 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC6255/LTC6256/LTC6257
Rev E
1
For more information www.analog.com
APPLICATIONS
n
Micropower Active Filters
n
Portable Instrumentation
n
Battery or Solar Powered Systems
n
Automotive Electronics
n
Gain Bandwidth Product: 6.5MHz
n
–3dB Bandwidth (AV = +1): 4.5MHz
n
Low Quiescent Current: 65µA
n
C-Load™ Op Amp Drives all Capacitive Loads
n
Offset Voltage: 350µV Maximum
n
Rail-to-Rail Input and Output
n
Supply Voltage Range: 1.8V to 5.25V
n
Input Bias Current: 50nA Maximum
n
CMRR/PSRR: 100dB/100dB
n
Shutdown Current: 7µA Maximum
n
Operating Temperature Range: –40°C to 125°C
n
Single in 6-Lead TSOT-23, 2mm × 2mm DFN Packages
n
Dual in 8-Lead MS8, MS10, TS0T-23, 2mm × 2mm
DFN
n
Quad in MS16 Package
TYPICAL APPLICATION
DESCRIPTION
6.5MHz, 65µA Power
Efficient Rail-to-Rail I/O
Op Amps
The LTC®6255/LTC6256/LTC6257 are single/dual/quad
operational amplifiers with low noise, low power, low
supply voltage, and rail-to-rail inputs and outputs. They
are unity gain stable with or without capacitive loads.
They feature 6.5MHz gain-bandwidth product, 1.8V/µs
slew rate while consuming only 65µA of supply current
per amplifier operating on supply voltages ranging from
1.8V to 5.25V. The combination of low supply current,
low supply voltage, high gain bandwidth product and low
noise makes the LTC6255 family unique among rail-to-rail
input/output op amps with similar supply current. These
operational amplifiers are ideal for low power and low
noise applications.
For applications that require power-down, the LTC6255
and LTC6256 in S6 and MS10 packages offer shutdown
which reduces the current consumption to 7µA maximum.
The LTC6255 family can be used as plug-in replacements
for many commercially available op amps to reduce power
and improve input/output range and performance.
Low Power, Low Distortion ADC Driver
FEATURES
LTC6255 Driving LTC2361 ADC
VIN = –1dBFS, 5kHz
fS = 125kSps
SNR = 72.5dB
SFDR = 89dB
tACQ = 5µs
tCONV = 3µs
FREQUENCY (kHz)
625567 TA01b
0
10
20
30
40
50
60
0
–30
–50
–10
–110
–20
–40
–60
–70
–80
–90
–100
LTC6255
VIN
5mV TO 2V
3.3V
3.3V
10k
1%
22pF
6.34k, 1%
324
1%
470pF
NPO
GND
CS
SDO
SCK
OVDD
VDD
AIN
ISUPPLY = 540µA TOTAL AT 125kSps
VREF
625567 TA01a
LTC2361
All registered trademarks and trademarks are the property of their respective owners.
Document Feedback


Similar Part No. - LT2178

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT2178 LINER-LT2178 Datasheet
305Kb / 12P
17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
LT2178 LINER-LT2178 Datasheet
216Kb / 12P
17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT2178 LINER-LT2178 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LT2178

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com