Electronic Components Datasheet Search
  English  ▼

X  

LT2178 Datasheet(PDF) 9 Page - Analog Devices

Part # LT2178
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT2178 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT2178 Datasheet HTML 5Page - Analog Devices LT2178 Datasheet HTML 6Page - Analog Devices LT2178 Datasheet HTML 7Page - Analog Devices LT2178 Datasheet HTML 8Page - Analog Devices LT2178 Datasheet HTML 9Page - Analog Devices LT2178 Datasheet HTML 10Page - Analog Devices LT2178 Datasheet HTML 11Page - Analog Devices LT2178 Datasheet HTML 12Page - Analog Devices LT2178 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC6255/LTC6256/LTC6257
Rev E
9
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Total Harmonic Distortion
and Noise
Total Harmonic Distortion
and Noise
Gain and Phase vs Frequency
Noise Voltage Density
vs Frequency
Wide Band Noise Voltage Density
vs Frequency
Input Noise Current vs Frequency
300
250
200
150
100
50
0
625567 G19
FREQUENCY (Hz)
1
10
10k
100k
1k
100
VS = ±2.5V
VCM = 0V
80
70
60
40
30
20
10
50
0
625567 G20
FREQUENCY (Hz)
0
2M
6M
4M
VS = ±2.5V
VCM = 0V
25
20
15
10
5
0
625567 G21
FREQUENCY (Hz)
1
10
1k
10k
100
VS = ±2.5V
VCM = 0V
VOUTP-P (V)
625567 G22
1
0.1
0.01
0.001
0.01
1
10
0.1
VS = ±0.9V
VCM = 0V
AV = 2
RG = RF = 10k
1kHz
500Hz
VOUTP-P (V)
625567 G23
1
0.1
0.01
0.001
0.01
1
0.1
VS = ±2.5V
VCM = 0V
AV = 2
RF = RG = 10k
1kHz
500Hz
FREQUENCY (Hz)
625567 G24
10k
1M
10M
100k
PHASE
MAGNITUDE
80
40
20
60
–20
50
30
70
10
0
–10
–60
–100
–120
–80
–160
–90
–110
–70
–130
–140
–150
VS = ±2.5V
VCM = 0V
Slew Rate vs Supply Voltage
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
VS+, SUPPLY VOLTAGE (V)
1.5
2.5
1.5
0.5
0
2.0
1.0
625567 G25
2.5
3.5
4.5
5.5
RISING
FALLING
VS– = 0V
VSTEP = VS+ – 1V
AV = 1
RF = RG = 10k
150
100
50
0
625567 G26
FREQUENCY (Hz)
1k
10k
1M
10M
100k
VS = ±2.5V
VCM = 0V
150
100
50
0
625567 G27
FREQUENCY (Hz)
0.001 0.01 0.1
1
10
1k
10k
100
V+, VS = 1.8V, 0V
V+, VS = 5V, 0V
V–, VS = 1.8V, 0V
V–, VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com