Electronic Components Datasheet Search
  English  ▼

X  

PC923L Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC923L
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC923L Datasheet HTML 6Page - Sharp Corporation PC923L Datasheet HTML 7Page - Sharp Corporation PC923L Datasheet HTML 8Page - Sharp Corporation PC923L Datasheet HTML 9Page - Sharp Corporation PC923L Datasheet HTML 10Page - Sharp Corporation PC923L Datasheet HTML 11Page - Sharp Corporation PC923L Datasheet HTML 12Page - Sharp Corporation PC923L Datasheet HTML 13Page - Sharp Corporation PC923L Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Sheet No.: D2-A06001EN
10
PC923L0NSZ Series
Fig.16 O1 Low Level Output Voltage vs.
Ambient Temperature
Fig.17 O2 Output Voltage Drop vs.
O2 Output Current
Fig.20 O2 Low Level Output Voltage vs.
O2 Output Current
Fig.21 O2 Low Level Output Voltage vs.
Ambient Temperature
Fig.18 O2 High Level Output Voltage vs.
Supply Voltage
Fig.19 O2 High Level Output Voltage vs.
Ambient Temperature
−40
−20
0
20
40
60
80
100
0.3
0.25
0.2
0.15
0.1
0.05
0
Ambient temperature Ta (
°C)
VCC1
=12V
VCC2
=−12V
IF
=5mA
IO2
=0.1A
Ambient temperature Ta (
°C)
−40
−20
0
20
40
60
80
100
20
21
22
23
24
VCC
=24V
IF
=5mA
IO2
=nearly 0A
IO2
=−0.1A
3
2
1
0
0.0
0.3
0.1
0.2
0.6
0.4
0.5
O2 output current IO2 (A)
Ta
=25°C
VCC
=VO1=24V
IF
=0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−40
−20
0
20
40
60
80
100
Ambient temperature Ta (˚C)
VCC
=24V
IF
=0
IO2
=0.1A
Supply voltage VCC (V)
15
18
21
24
27
30
12
15
18
21
24
27
30
Ta
=25°C
IF
=5mA
0
−5
−4
−3
−2
−1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
O2 output current IO2 (A)
Ta
=25°C
VCC
=VO1=24V
IF
=5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com