Electronic Components Datasheet Search
  English  ▼

X  

PC923L Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC923L
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC923L Datasheet HTML 7Page - Sharp Corporation PC923L Datasheet HTML 8Page - Sharp Corporation PC923L Datasheet HTML 9Page - Sharp Corporation PC923L Datasheet HTML 10Page - Sharp Corporation PC923L Datasheet HTML 11Page - Sharp Corporation PC923L Datasheet HTML 12Page - Sharp Corporation PC923L Datasheet HTML 13Page - Sharp Corporation PC923L Datasheet HTML 14Page - Sharp Corporation PC923L Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Sheet No.: D2-A06001EN
11
PC923L0NSZ Series
Fig.22 High Level Supply Current vs.
Supply Voltage
Fig.23 Low Level Supply Current vs.
Supply Voltage
Fig.26 Propagation Delay Time vs.
Forward Current
Fig.27 Propagation Delay Time vs.
Ambient Temperature
Fig.24 High Level Supply Current vs.
Ambient Temperature
Fig.25 Low Level Supply Current vs.
Ambient Temperature
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
3
0
0.5
1
1.5
2
2.5
15
18
21
24
27
30
Supply voltage VCC (V)
Ta
=25°C
IF
=5mA
15
18
21
24
27
30
Supply voltage VCC (V)
3
0
0.5
1
1.5
2
2.5
Ta
=25°C
IF
=0
VCC
=VO1=24V
RG
=47Ω
CG
=3 000pF
IF
=5mA
0.2
0.4
0.6
0.8
1
0
t PLH
t PHL
−40
−20
0
20
406080
100
Ambient temperature Ta (
°C)
1.0
0.2
0.4
0.6
0.8
0
05
1 0
15
20
25
Forward current IF (mA)
VCC
=VO1=24V
RG
=47Ω
CG
=3 000pF
Ta
=85˚C
Ta
=85˚C
Ta
=−40˚C
Ta
=−40˚C
Ta
=25˚C
Ta
=25˚C
tPHL
tPLH
VCC
=24V
IF
=5mA
−40
−20
0
20
40
60
100
80
Ambient temperature Ta (˚C)
3
0
0.5
1
1.5
2
2.5
−40
−20
0
20
40
60
100
80
VCC
=24V
IF
=0
3
0
0.5
1
1.5
2
2.5
Ambient temperature Ta (˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com