Electronic Components Datasheet Search
  English  ▼

X  

PC923L Datasheet(PDF) 12 Page - Sharp Corporation

Part # PC923L
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L Datasheet(HTML) 12 Page - Sharp Corporation

Back Button PC923L Datasheet HTML 8Page - Sharp Corporation PC923L Datasheet HTML 9Page - Sharp Corporation PC923L Datasheet HTML 10Page - Sharp Corporation PC923L Datasheet HTML 11Page - Sharp Corporation PC923L Datasheet HTML 12Page - Sharp Corporation PC923L Datasheet HTML 13Page - Sharp Corporation PC923L Datasheet HTML 14Page - Sharp Corporation PC923L Datasheet HTML 15Page - Sharp Corporation PC923L Datasheet HTML 16Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Sheet No.: D2-A06001EN
12
PC923L0NSZ Series
■ Design Considerations
Transistor of detector side in bipolar configuration may be damaged by static electricity due to its minute de-
sign.
When handling these devices, general countermeasure against static electricity should be taken to avoid
breakdown of devices or degradation of characteristics.
● Notes about static electricity
● Design guide
Parameter
Forward current
Supply voltage
Operating temperature
Symbol
IF
VCC
Topr
MIN.
10
−40
15
TYP.
−
−
−
Unit
mA
˚C
V
MAX.
20
70
30
In order to stabilize power supply line, we should certainly recommend to connect a by-pass capacitor of
0.01
µF or more between VCC and GND near the device.
In case that some sudden big noise caused by voltage variation is provided between primary and secondary
terminals of photocoupler some current caused by it is floating capacitance may be generated and result in
false operation since current may go through LED or current may change.
If the photocoupler may be used under the circumstances where noise will be generated we recommend to
use the bypass capacitors at the both ends of LED.
The detector which is used in this device, has parasitic diode between each pins and GND.
There are cases that miss operation or destruction possibly may be occurred if electric potential of any pin
becomes below GND level even for instant.
Therefore it shall be recommended to design the circuit that electric potential of any pin does not become
below GND level.
This product is not designed against irradiation and incorporates non-coherent LED.
This photocoupler is dedicated to the use for IGBT or MOSFET Gate Drive.
Please do not use this for the other application.
As mentioned below, when the input is on, if DC load (resistor etc.) is connected between O2 output pin 6
and GND pin 7 and if the electric potential VO2 goes approx. 2V below than electric potential VCC pin 8 con-
tinuously, supply current ICC may flow more than usually and go beyond power dissipation.
VCC
2V or more
IF
PC923L
2
3
8
5
6
7
A
● Recommended operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com