Electronic Components Datasheet Search
  English  ▼

X  

PS12 Datasheet(PDF) 8 Page - Supertex, Inc

Part # PS12
Description  Quad Power Sequencing Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS12 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button PS12 Datasheet HTML 2Page - Supertex, Inc PS12 Datasheet HTML 3Page - Supertex, Inc PS12 Datasheet HTML 4Page - Supertex, Inc PS12 Datasheet HTML 5Page - Supertex, Inc PS12 Datasheet HTML 6Page - Supertex, Inc PS12 Datasheet HTML 7Page - Supertex, Inc PS12 Datasheet HTML 8Page - Supertex, Inc PS12 Datasheet HTML 9Page - Supertex, Inc PS12 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS12
Programming ON and UV
The ON and OV inputs draw negligible current, allowing the
use of a high impedance divider. A divider current between
10µA and 100µA is more than adequate.
V
IN thresholds can be determined from the following:
Start the design by programming the power-up voltage. The
power-down voltage VIN
ONPD is fixed at 83.3% of the power-
up voltage. Next, program the overvoltage power down volt-
age V
OVPD by selecting the multiplying factor R2 / R3, knowing
VIN
ONPU.
A numerical example:
V
IN = 12V and [R1, R2, R3] = [107kΩ, 4.99kΩ, 9.09kΩ],
results in the following:
(1) R
DIV = 121.1kΩ,
(2) I
DIV = 99.1µA,
(3) [VIN
ONPU, VINONPD, VINOVPD, VINOVPU] =
[10.32V, 8.60V, 15.98V, 13.32V].
Note the following:
Programming the Power-up Delay
The power-up delay (T
PUD) is set by the time required to
charge the C
PUD capacitor to the threshold voltage VPUD:
A numerical example:
A 100nF capacitor results in a T
PUD of 12ms.
Programming the PS to PS Delay
The PS to PS delays are set by the six timing resistors. De-
lay time and resistance are related as follows:
A numerical example:
A resistance of 100kΩ results in a delay time of 10ms.
OVPD 1.20V
OVPU 1.10V
OV
ON
ONPU 1.20V
ONPD 1.10V
R 2
R 3
R 1
VIN
RDIV
VIN
IDIV
R3
R2
R1
RDIV
=
+
+
=
ON
Power-up:
V
ONPU = 1.20V
ON
Power-down:
V
ONPD = 1.00V
OV
Power-down:
V
OVPD = 1.20V
OV
Power-up:
V
OVPU = 1.00V
R3
R2
VONPU
RDIV
VINONPU
+
=
R3
R2
VONPD
RDIV
VINONPD
+
=
R3
VOVPD
RDIV
VINOVPD =
R3
R2
1
R3
R3
R2
20
.
1
20
.
1
R3
R2
VONPU
R3
VOVPD
VINONPU
VINOVPD
+
=
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
=
+
=
IPUD
CPUD
• VPUD
TPUD
=
VPUD
= 1.20V
IPUD
= 12µA
Ω
=
•
=
ns
100
KT
RT
KT
TPSPS
R3
VOVPU
RDIV
VINOVPU =



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com