Electronic Components Datasheet Search
  English  ▼

X  

PS12 Datasheet(PDF) 3 Page - Supertex, Inc

Part # PS12
Description  Quad Power Sequencing Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS12 Datasheet(HTML) 3 Page - Supertex, Inc

  PS12 Datasheet HTML 1Page - Supertex, Inc PS12 Datasheet HTML 2Page - Supertex, Inc PS12 Datasheet HTML 3Page - Supertex, Inc PS12 Datasheet HTML 4Page - Supertex, Inc PS12 Datasheet HTML 5Page - Supertex, Inc PS12 Datasheet HTML 6Page - Supertex, Inc PS12 Datasheet HTML 7Page - Supertex, Inc PS12 Datasheet HTML 8Page - Supertex, Inc PS12 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS12
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Supply (V
IN)
V
VIN
Supply voltage
4.5
-
90
V
*
---
I
VIN
Supply current
-
500
625
µA
-V
IN = 36V, RT = 2MΩ
-
400
-
-
V
IN = 12V, RT = 2MΩ
Input Voltage Monitor (ON)
V
ONPU
Power-up threshold
1.16
1.22
1.28
V
*
V
ON Rising
V
ONPD
Power-down threshold
1.06
1.12
1.18
V
*
V
ON Falling
V
HY
Power-up/Power-down hysteresis
-
100
-
mV
-
---
I
ON
Input Current
-
±1
-
nA
-
---
Input Voltage Monitor (OV)
V
OVPD
Power-down threshold
1.16
1.22
1.28
V
*
V
OV Rising
V
OVPU
Power-up threshold
1.06
1.12
1.18
V
*
V
OV Falling
V
HY
Power-up/power-down hysteresis
-
100
-
mV
-
---
I
OV
Input current
-
±1
-
nA
-
---
Power Supply Enable Outputs (PSA, PSB, PSC, PSD)
I
LKG
High state leakage current
-
-
10
µA
*
V
PS = 90V
PS = HiZ
V
SAT
Low state output voltage
-
-
100
mV
-
I
PS = 1mA PS = Low
Power-up Delay (PUD)
I
PUD
Output current
-8.4
-12
-16
µA
-
---
V
PUD
Threshold voltage
1.15
1.20
1.25
V
-
---
R
DISCH
Discharge FET ON resistance
-
500
-
Ω
-
I
DISCH = 1mA
Power Supply Enable Timing (TAB, TBC, TCD, TDC, TCB, TBA)
R
T
Timing resistance range
50
-
2000
kΩ
-
---
T
PSPS(MAX)
Maximum PS-to-PS delay
160
200
240
ms
-
R
T = 2MΩ
T
PSPS(MIN)
Minimum PS-to-PS delay
4.0
5.0
6.0
ms
-
R
T = 50kΩ
Electrical Characteristics
(T
J = 25°C unless otherwise specified. Voltages referenced to VEE, VVIN = +4.5V...+90V. Values marked with * apply over the full temperature range.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com