Electronic Components Datasheet Search
  English  ▼

X  

GDR Datasheet(PDF) 13 Page - GOTREND Technology Co.,Ltd

Part # GDR
Description  New version update release
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOTREND [GOTREND Technology Co.,Ltd]
Direct Link  https://www.gotrend.com.tw/
Logo GOTREND - GOTREND Technology Co.,Ltd

GDR Datasheet(HTML) 13 Page - GOTREND Technology Co.,Ltd

Back Button GDR Datasheet HTML 9Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 10Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 11Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 12Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 13Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 14Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 15Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 16Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 17Page - GOTREND Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Dimension [ mm ] :
Size
1012
Electrical Characteristics :
* Inductance drop: 10% typ. at IDC.
* □ U = UL Tube
* □ Inductance Tolerance : J 5%, K 10%, L 15%, M 20%, N 30%
ØA(Max.)
B(Max.)
C(+/-1.5)
D(+/-0.5)
12.0
13.5
15.0
6.0
0.30
0.30
0.740
0.840
1500.0
3000.0
GDR1012P□-402□
0.25
5.460
4000.0
GDR1012P□-152□
GDR1012P□-302□
GDR1012P□-821□
GDR1012P□-102□
0.50
0.50
820.0
1000.0
1.080
1.390
GDR1012P□-561□
GDR1012P□-681□
0.60
0.50
GDR1012P□-391□
GDR1012P□-471□
0.80
0.70
0.600
0.660
GDR1012P□-271□
GDR1012P□-331□
0.90
0.80
GDR1012P□-181□
GDR1012P□-221□
1.30
1.00
0.540
330.0
1.50
1.40
GDR1012P□-101□
GDR1012P□-820□
82.0
0.110
1.70
0.140
1.960
3.900
0.160
120.0
0.180
0.250
0.280
0.420
150.0
180.0
2020.11.06
Product Type :
390.0
470.0
560.0
680.0
220.0
270.0
GDR1012P□-121□
GDR1012P□-151□
Description :
Established Date :
Brand :
2009.07.09
Product Series :
GDR
100.0
Part No.
IDC
Amp. [Max.]
1.80
ØE(+/-0.05)
0.80
INDUCTANCE
(uH)
@ 1KHz/0.25V
DCR
Ohm [Max.]
Drum Choke Inductor
Latest Edit Date :
GDR1012P-SERIES
File Version :
GDR-SERIES-V3R2
Editor :
Teddy Sun
 Standard
 Customize
GOTREND
Page : 13 / 17
Email : service@gotrend.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com