Electronic Components Datasheet Search
  English  ▼

X  

GDR Datasheet(PDF) 2 Page - GOTREND Technology Co.,Ltd

Part # GDR
Description  New version update release
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOTREND [GOTREND Technology Co.,Ltd]
Direct Link  https://www.gotrend.com.tw/
Logo GOTREND - GOTREND Technology Co.,Ltd

GDR Datasheet(HTML) 2 Page - GOTREND Technology Co.,Ltd

  GDR Datasheet HTML 1Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 2Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 3Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 4Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 5Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 6Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 7Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 8Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 9Page - GOTREND Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
♦
♦
(11) Transportation control equipment
(12) Transportation equipment (cars, electric trains, ships, etc.)
(13) Other applications that are not considered general-purpose applications
Our manufacturing sites fully compliance with requirement regarding the quality management system in the automotive industry under
the IATF 16949 standard. GOTREND Technology respect individual agreements with reference to customer requirements and customer
specific requirements (CSR). We will like to emphasize that only requirements mutually agreed upon will in implemented in our Quality
Management System taking into consideration that IATF 16949 may appear to support the acceptance of unilateral requirements. We
will only legally bind to this individually agreed upon agreement under the IATF 16949 standard.
(3) Disaster prevention/crime prevention equipment
(4) Electric heating apparatus, burning equipment
(5) Medical equipment
(6) Military equipment
(7) Power-generation control equipment
(10) Seabed equipment
Latest Edit Date :
2020.11.06
Product Type :
 Standard
 Customize
Established Date :
Products listed in this catalog are intended for general electronic device usage under normal operation and use condition including
telecommunication equipment, home appliances, sports equipment AV equipment, industrial machine, office equipment etc. Please
take note that our products are not designed, intended or authorized for use in below mentioned applications unless explicitly agreed in
writing between the parties to avoid product failure that could result in situation where personal injury or death could occur.
This catalog contains only typical specifications, please contact GOTREND Technology for further details if you can not find special
components or information you need in this catalogue. Please also approve our product specifications or transact the approval sheet for
product specifications before ordering.
2009.07.09
Description :
Drum Choke Inductor
Teddy Sun
Product Series :
GDR
Brand :
GOTREND
(2) Atomic energy-related equipment
REMINDERS
♦
♦
♦
♦
(1) Aerospace/Aviation equipment
"Delivery Specification" illustrating precautions for the specifications and safety of each product listed in this catalog is available and we
strongly recommend to provide these delivery specifications with customers that use these products.
For exporting of product in this catalog, please take note it may be a restricted item according to the “Foreign Exchange
and Foreign Trade Control Law”. In such cases, it is necessary to acquire export permission in accordance to this law.
File Version :
GDR-SERIES-V3R2
Editor :
♦
The product itself is a powder metallurgy product, so the structure is relatively fragile, and it should not be used for products
that are easy to fall. In addition, when this product is assembled, it should avoid collision with the tool or mechanism shell.
It is not recommended to use hot air gun for disassembling of this product. When using of hot air gun to repair other parts,
please also take note that long time or high temperature exposure of this product will also damage the inductance device.
If you need to use the hot air gun to disassemble the product, it is recommended to adjust the hot air gun temperature to 380
deg.C±5 deg.C. The blower head of the hot air gun should be perpendicular and at least 1cm away from the product. After
heating the product to the tin material melting point, use tweezers to remove the product from the PCB.
♦
♦
♦
♦
♦
(8) Public information-processing equipment
(9) Safety equipment
♦ GOTREND Technology is not responsible for issues that occur related to the intellectual property rights or other rights of our company
or a third party when you use a product listed in this catalog. GOTREND Technology do not grant license of these rights.
Product information in this catalog is subject to change without notice, and is for reference only. Therefore, please contact GOTREND
Technology to check for the latest information before practical application or usage of the products.
This catalogue only applies to products purchased through GOTREND Technolgy or its official agencies. This catalogue does not apply to
products that are purchased through other third parties.
Please read Attention and CAUTION note (for storage, operating, rating, soldering, mounting and handling) in this catalog to ensure
product proper usage.
Information and data provided in the brochure can and do vary in different applications, and actual performance may vary over time.
Any reproduction or extraction of the contents in this catalog is prohibited without prior permission from GOTREND Technology.
Page : 2 / 17
Email : service@gotrend.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com