Electronic Components Datasheet Search
  English  ▼

X  

GDR Datasheet(PDF) 16 Page - GOTREND Technology Co.,Ltd

Part # GDR
Description  New version update release
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOTREND [GOTREND Technology Co.,Ltd]
Direct Link  https://www.gotrend.com.tw/
Logo GOTREND - GOTREND Technology Co.,Ltd

GDR Datasheet(HTML) 16 Page - GOTREND Technology Co.,Ltd

Back Button GDR Datasheet HTML 9Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 10Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 11Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 12Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 13Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 14Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 15Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 16Page - GOTREND Technology Co.,Ltd GDR Datasheet HTML 17Page - GOTREND Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Care note :
Care note for Use :
(1) Storage Condition :
Temperature 25 to 35 deg.C , Humidity 45 to 60% RH
(2) Use Temperature :
a. Minimum Temperature : -40 deg.C Ambient temperature of this product.
b. Maximum Temperature : +125 deg.C The value of temperature including ambient and temperature rise of this product.
c. Reliability test temperature range from -40 ~ +125 deg.C
d. However, this is not meant as temperature grade guarantee for UL.
(3) Model :
When this product was used in a similar or as new product to the original one, sometimes it might be unable to satisfy the
specifications due to difference in condition of usage.
(4) Drop :
If this product suffered mechanical stress such as drop, characteristics may become poor ( due to damage on coil / bobbin / ferrite
… etc. )
Never use such stressed product.
Care note for Safety :
(1) Provision to Abnormal Condition :
This product itself does not have any protective function in abnormal condition such as overload, short-circuit and open-circuit
conditions, etc.
Therefore, it shall be confirmed from the end product that there is no risk of smoking, fire, dielectric withstand voltage
insulation resistance,etc. in abnormal conditions to provide protective devices and /or protection circuit in the end product.
(2) Temperature Rise :
Temperature rise on this product depends on the installation condition on end products.
It shall be confirmed on the actual end product that temperature rise of this product is within the specified temperature class limit.
(3) Dielectric Strength :
Dielectric withstanding test with higher voltage than specific value will damage insulating material and shorten its life.
(4) Water :
This product must not be used in wet condition resulted from water, coffee or any liquid contact because insulation strength
becomes very low under such condition.
(5) Potting :
If this product is potted in some compound, coating material of magnet wire might be occasionally damaged. Please ask us
if you intend to pot this product.
(6) Detergent :
Please consult our company immediately once under such circumstances because product reliability confirmation etc. is needed
when this product come in contact with these chemicals.
Teddy Sun
Product Series :
Established Date :
Latest Edit Date :
2009.07.09
Drum Choke Inductor
2020.11.06
 Standard
 Customize
GDR-SERIES-V3R2
Product Type :
GOTREND
Editor :
Description :
File Version :
Brand :
GDR
Page : 16 / 17
Email : service@gotrend.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com