Electronic Components Datasheet Search
  English  ▼

X  

MCP1701A Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1701A
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701A Datasheet(HTML) 3 Page - Microchip Technology

  MCP1701A Datasheet HTML 1Page - Microchip Technology MCP1701A Datasheet HTML 2Page - Microchip Technology MCP1701A Datasheet HTML 3Page - Microchip Technology MCP1701A Datasheet HTML 4Page - Microchip Technology MCP1701A Datasheet HTML 5Page - Microchip Technology MCP1701A Datasheet HTML 6Page - Microchip Technology MCP1701A Datasheet HTML 7Page - Microchip Technology MCP1701A Datasheet HTML 8Page - Microchip Technology MCP1701A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21991C-page 3
MCP1701A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ........................................................+12V
Output Current (Continuous)..........PD/(VIN – VOUT)mA
Output Current (peak) ..................................... 500 mA
Output Voltage ............... (GND – 0.3V) to (VIN + 0.3V)
Continuous Power Dissipation:
3-Pin SOT-23A ............................................ 150 mW
3-Pin SOT-89............................................... 500 mW
3-Pin TO-92 ................................................. 300 mW
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation
of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not
implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are established for an ambient temperature of TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Output Voltage Regulation
VOUT
VR - 2% VR±0.5% VR + 2%
V
IOUT = 40 mA (Note 1)
Maximum Output Current
IOUTMAX
250
—
—
mA
VOUT = 5.0V
(VIN = VR + 1.0V)
200
—
—
VOUT = 4.0V
150
—
—
VOUT = 3.3V
150
—
—
VOUT = 3.0V
125
—
—
VOUT = 2.5V
110
—
—
VOUT = 1.8V
Load Regulation (Note 3)
ΔVOUT/ VOUT
-1.60
±0.8
+1.60
%
VOUT = 5.0V, 1 mA ≤ IOUT ≤ 100 mA
-2.25
±1.1
+2.25
VOUT = 4.0V, 1 mA ≤ IOUT ≤ 100 mA
-2.72
±1.3
+2.72
VOUT = 3.3V, 1 mA ≤ IOUT ≤ 80 mA
-3.00
±1.5
+3.00
VOUT = 3.0V, 1 mA ≤ IOUT ≤ 80 mA
-3.60
±1.8
+3.60
VOUT = 2.5V, 1 mA ≤ IOUT ≤ 60 mA
-1.60
±0.8
+1.60
VOUT = 1.8V, 1 mA ≤ IOUT ≤ 30 mA
Dropout Voltage
VIN - VOUT
—
380
600
mV
IOUT = 200 mA, VR = 5.0V
—
400
630
IOUT = 200 mA, VR = 4.0V
—
400
700
IOUT = 150 mA, VR = 3.3V
—
400
700
IOUT = 150 mA, VR = 3.0V
—
400
700
IOUT = 120 mA, VR = 2.5V
—
180
300
IOUT = 20 mA, VR = 1.8V
Input Quiescent Current
IQ
—2.0
4.5
µA
VIN = VR + 1.0V
Line Regulation
ΔVOUT•100
ΔVIN•VOUT
—
0.2
0.3
%/V
IOUT = 40 mA, (VR +1) ≤ VIN ≤ 10.0V
Input Voltage
VIN
——
10
V
Temperature Coefficient of
Output Voltage
TCVOUT
—
±100
—
ppm/
°C
IOUT = 40 mA, -40°C ≤ TA ≤ +85°C
(Note 2)
Output Rise Time
TR
—
200
—
µs
10% VR to 90% VR, VIN = 0V to VR +1V,
RL = 25Ω resistive
1: VR is the nominal regulator output voltage. For example: VR = 1.8V, 2.5V, 3.3V, 4.0V, 5.0V.
The input voltage VIN = VR + 1.0V, IOUT = 40 mA.
2: TCVOUT = (VOUT-HIGH – VOUT-LOW) *106 / (VR * ΔTemperature), VOUT-HIGH = Highest voltage measured
over the temperature range. VOUT-LOW = Lowest voltage measured over the temperature range.
3: Load regulation is measured at a constant junction temperature using low duty cycle pulse testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com