Electronic Components Datasheet Search
  English  ▼

X  

MCP1701A Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1701A
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701A Datasheet(HTML) 5 Page - Microchip Technology

  MCP1701A Datasheet HTML 1Page - Microchip Technology MCP1701A Datasheet HTML 2Page - Microchip Technology MCP1701A Datasheet HTML 3Page - Microchip Technology MCP1701A Datasheet HTML 4Page - Microchip Technology MCP1701A Datasheet HTML 5Page - Microchip Technology MCP1701A Datasheet HTML 6Page - Microchip Technology MCP1701A Datasheet HTML 7Page - Microchip Technology MCP1701A Datasheet HTML 8Page - Microchip Technology MCP1701A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21991C-page 5
MCP1701A
2.0
TYPICAL PERFORMANCE CURVES
Notes: Unless otherwise specified, VOUT = 1.8V, 3.3V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-1:
Supply Current vs. Input
Voltage (VR = 1.8V).
FIGURE 2-2:
Supply Current vs. Input
Voltage (VR = 3.3V).
FIGURE 2-3:
Supply Current vs. Input
Voltage (VR = 5.0V).
FIGURE 2-4:
Supply Current vs. Load
Current (VR = 3.3V).
FIGURE 2-5:
Supply Current vs. Load
Current (VR = 5.0V).
FIGURE 2-6:
Supply Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3579
11
Input Voltage (V)
VR = 1.8V
+90°C
+25°C
-45°C
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
46
8
10
12
Input Voltage (V)
+90°C
+25°C
-45°C
VR = 3.3V
1
1.2
1.4
1.6
1.8
2
2.2
2.4
6
7
8
9
10
11
12
Input Voltage (V)
+25°C
-45°C
+90°C
VR = 5.0V
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
50
100
150
200
Load Current (mA)
+90°C
+25°C
-45°C
VIN = 4.3V
VR = 3.3V
1
1.2
1.4
1.6
1.8
2
2.2
0
50
100
150
200
Load Current (mA)
+90°C
+25°C
-45°C
VIN = 6.0V
VR = 5.0V
1.2
1.4
1.6
1.8
2
2.2
-45
-25
-5
15
35
55
75
95
Temperature (°C)
VR = 5.0V
VR = 3.3V
VR = 1.8V
VIN = VR + 1.0V
IOUT = 0 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com