Electronic Components Datasheet Search
  English  ▼

X  

MCP1701A Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1701A
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701A Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1701A Datasheet HTML 6Page - Microchip Technology MCP1701A Datasheet HTML 7Page - Microchip Technology MCP1701A Datasheet HTML 8Page - Microchip Technology MCP1701A Datasheet HTML 9Page - Microchip Technology MCP1701A Datasheet HTML 10Page - Microchip Technology MCP1701A Datasheet HTML 11Page - Microchip Technology MCP1701A Datasheet HTML 12Page - Microchip Technology MCP1701A Datasheet HTML 13Page - Microchip Technology MCP1701A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MCP1701A
DS21991C-page 10
© 2007 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
The MCP1701A is a low-quiescent current, precision,
fixed-output voltage LDO. Unlike bipolar regulators,
the MCP1701A supply current does not increase
proportionally with load current.
4.1
Output Capacitor
A minimum of 1 µF output capacitor is required. The
output capacitor should have an ESR greater than
0.1
Ω and less than 5Ω, plus a resonant frequency
above 1 MHz. Larger output capacitors can be used to
improve supply noise rejection and transient response.
Care should be taken when increasing COUT to ensure
that the input impedance is not high enough to cause
high input impedance oscillation.
4.2
Input Capacitor
A 1 µF input capacitor is recommended for most
applications when the input impedance is on the order
of 10
Ω. Larger input capacitance may be required for
stability when operating from a battery input, or if there
is a large distance from the input source to the LDO.
When large values of output capacitance are used, the
input capacitance should be increased to prevent high
source impedance oscillations.
4.3
Overcurrent
The MCP1701 internal circuitry monitors the amount of
current flowing through the P-channel pass transistor.
In the event of a short circuit or excessive output
current, the MCP1701 will act to limit the output current.
FIGURE 4-1:
MCP1701A Block Diagram.
VIN
VOUT
GND
Short Circuit
Protection
Voltage
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com