Electronic Components Datasheet Search
  English  ▼

X  

ST2000DM007 Datasheet(PDF) 7 Page - Seagate Technology LLC

Part # ST2000DM007
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM007 Datasheet(HTML) 7 Page - Seagate Technology LLC

Back Button ST2000DM007 Datasheet HTML 3Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 4Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 5Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 6Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 7Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 8Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 9Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 10Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 11Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
6
www.seagate.com
Introduction
1.0
Introduction
This manual describes the functional, mechanical and interface specifications for the following:
Seagate® BarraCuda® model drives:
These drives provide the following key features:
• 7200 RPM spindle speed.
• Compliant with RoHS requirements in China and Europe.
• Full-track multiple-sector transfer capability without local processor intervention.
• High instantaneous (burst) data-transfer rates (up to 600MB per second).
• Native Command Queuing with command ordering to increase performance in demanding applications.
•Quiet operation.
• Seagate AcuTrac™ servo technology delivers dependable performance, even with hard drive track widths of only 75
nanometers.
• Seagate OptiCache™ technology boosts overall performance by as much as 45% over the previous generation.
• Seagate SmartAlign™ technology provides a simple, transparent migration to Advanced Format 4K sectors
• SeaTools diagnostic software performs a drive self-test that eliminates unnecessary drive returns.
• State-of-the-art cache and on-the-fly error-correction algorithms.
• Support for S.M.A.R.T. drive monitoring and reporting.
• Supports latching SATA cables and connectors.
• TGMR recording technology provides the drives with increased areal density.
• Worldwide Name (WWN) capability uniquely identifies the drive.
Standard models
Self-Encryption models
ST3000DM008
ST1000DM010
ST3000DM009
ST2000DM006
ST500DM009
ST2000DM007
Note
Previous generations of Seagate Self-Encrypting Drive models were called Full Disk Encryption (FDE) models
before a differentiation between drive-based encryption and other forms of encryption was necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com