Electronic Components Datasheet Search
  English  ▼

X  

ST2000DM007 Datasheet(PDF) 15 Page - Seagate Technology LLC

Part # ST2000DM007
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM007 Datasheet(HTML) 15 Page - Seagate Technology LLC

Back Button ST2000DM007 Datasheet HTML 11Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 12Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 13Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 14Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 15Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 16Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 17Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 18Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 19Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
14
www.seagate.com
Drive Specifications
2.8.3 Voltage tolerance
Voltage tolerance (including noise):
•5V ±5%
• 12V +10% / -7.5%
2.8.4 Power-management modes
The drive provides programmable power management to provide greater energy efficiency. In most systems, users can
control power management through the system setup program. The drive features the following power-management
modes:
•Active mode
The drive is in Active mode during the read/write and seek operations.
• Idle mode
The buffer remains enabled, and the drive accepts all commands and returns to Active mode any time disk access is
necessary.
•Standby mode
The drive enters Standby mode when the host sends a Standby Immediate command. If the host has set the standby
timer, the drive can also enter Standby mode automatically after the drive has been inactive for a specifiable length of
time. The standby timer delay is established using a Standby or Idle command. In Standby mode, the drive buffer is
enabled, the heads are parked and the spindle is at rest. The drive accepts all commands and returns to Active mode
any time disk access is necessary.
•Sleep mode
The drive enters Sleep mode after receiving a Sleep command from the host. In Sleep mode, the drive buffer is dis-
abled, the heads are parked and the spindle is at rest. The drive leaves Sleep mode after it receives a Hard Reset or Soft
Reset from the host. After receiving a reset, the drive exits Sleep mode and enters Standby mode with all current trans-
lation parameters intact.
• Idle and Standby timers
Each time the drive performs an Active function (read, write or seek), the standby timer is reinitialized and begins
counting down from its specified delay times to zero. If the standby timer reaches zero before any drive activity is
required, the drive makes a transition to Standby mode. In both Idle and Standby mode, the drive accepts all com-
mands and returns to Active mode when disk access is necessary.
Power modes
Heads
Spindle
Buffer
Active
Tracking
Rotating
Enabled
Idle
Tracking
Rotating
Enabled
Standby
Parked
Stopped
Enabled
Sleep
Parked
Stopped
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com