Electronic Components Datasheet Search
  English  ▼

X  

ST2000DM007 Datasheet(PDF) 26 Page - Seagate Technology LLC

Part # ST2000DM007
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAGATE [Seagate Technology LLC]
Direct Link  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST2000DM007 Datasheet(HTML) 26 Page - Seagate Technology LLC

Back Button ST2000DM007 Datasheet HTML 22Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 23Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 24Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 25Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 26Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 27Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 28Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 29Page - Seagate Technology LLC ST2000DM007 Datasheet HTML 30Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Seagate BarraCuda Product Manual, Rev. A
25
www.seagate.com
Configuring and Mounting the Drive
Figure 4
Mounting dimensions (configuration 2)
Note
Drawings are for mounting hole reference only.
PCBA show in pictorial only and can vary based on specific customer configurations.
5.787 MAX 3
4.010 MAX 3
1.090 .050 2
.640 .050 2
5
TOP OF LABEL
4.000 3
1.638
1.122 .020 3
.787 MAX 3
3X .250 .010
BOTH SIDES
3X 6-32 UNC-2B
3 MINIMUM THREAD DEPTH
0.12 MAXIMUM FASTENER PENETRATION
MOUNTING HOLES BOTH SIDES
.138
.814
2X 1.625 .020 3
2X 1.750 3
2X 3.750 3
2X .125 3
4X 6-32 UNC-2B
3 MINIMUM THREAD DEPTH
0.12 MAXIMUM FASTENER PENETRATION
MOUNTING HOLES
CL OF DRIVE
CL OF CONNECTOR
DATUM B
3
3
TEMPERATURE
CHECKPOINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com