Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 6 Page - Analog Devices

Part # AD797
Description  Ultraprecision, 36 V, 2.8 nV/√Hz Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD797 Datasheet HTML 2Page - Analog Devices AD797 Datasheet HTML 3Page - Analog Devices AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8676
Data Sheet
Rev. C | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
±15 V and ±5 V, TA = 25°C, unless otherwise specified.
10
9
8
7
6
5
4
3
2
1
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 3. Voltage Noise Density vs. Frequency
90
0
–100 –80
–60
–40
–20
0
20
40
60
80
100
VOS (µV)
80
70
60
50
40
30
20
10
Figure 4. Input Offset Voltage Distribution
25
20
15
10
5
0
TCVOS (µV/°C)
Figure 5. TCVOS Distribution
150
–150
–40
TEMPERATURE (°C)
100
50
0
–50
–100
–20
120
100
80
60
40
20
0
VS = ±15V
TYPICAL
Figure 6. Offset Voltage vs. Temperature
350
300
250
200
150
10
50
0
IB (nA)
2.0
1.6
1.2
0.8
0.4
0
–2.0 –1.6 –1.2 –0.8 –0.4
Figure 7. Input Bias Current, VSY = ±15 V
2.0
1.6
1.2
0.8
0.4
0
–2.0 –1.6 –1.2 –0.8 –0.4
350
300
250
200
150
10
50
0
IB (nA)
Figure 8. Input Bias Current, VSY = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com