Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 10 Page - Analog Devices

Part # AD797
Description  Ultraprecision, 36 V, 2.8 nV/√Hz Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices AD797 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8676
Data Sheet
Rev. C | Page 10 of 12
±15 V and ±5 V, TA = 25°C, unless otherwise specified.
–14.70
–15.00
–14.95
–14.90
–14.85
–14.80
–14.75
–40
TEMPERATURE (°C)
–20
120
100
80
60
40
20
0
RL = 2kΩ
VS = ±15V
Figure 27. Low Output Voltage, VOL vs. Temperature, VS = ±15 V
–4.93
–4.94
–4.95
–4.96
–4.97
–4.98
–4.99
–5.00
–40
TEMPERATURE (°C)
–20
120
100
80
60
40
20
0
RL = 2kΩ
VS = ±5V
Figure 28. Low Output Voltage, VOL vs. Temperature, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com