Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 8 Page - Analog Devices

Part # AD797
Description  Ultraprecision, 36 V, 2.8 nV/√Hz Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices AD797 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8676
Data Sheet
Rev. C | Page 8 of 12
±15 V and ±5 V, TA = 25°C, unless otherwise specified.
15
10
5
0
–5
–10
–15
TIME (10µs/DIV)
VIN = ±10V
RL = 2kΩ
AV = +1
Figure 15. Large Signal Transient Response, VSY = ±15 V
4
3
2
1
0
–1
–3
–2
–4
TIME (10µs/DIV)
VIN = ±3.5V
RL = 2kΩ
AV = +1
Figure 16. Large Signal Transient Response, VSY = ±5 V
70
60
50
40
30
20
10
0
1
10
100
1k
10k
100k
CAPACITANCE (pF)
AV = +1
VIN = 100mV p-p
+OS
–OS
Figure 17. Small Signal Overshoot vs. Load Capacitance
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–4
1
6
11
16
21
26
31
36
TIME (µs)
50
40
30
20
10
0
–10
–30
–20
VIN = 200mV p-p
AVO = –100
RL = 10kΩ
VIN
VOUT
Figure 18. Positive Overvoltage Recovery
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–4
1
6
11
16
21
26
31
36
TIME (µs)
50
40
30
20
10
0
–10
–20
–30
VIN = 200mV p-p
AVO = –100
RL = 10kΩ
VIN
VOUT
Figure 19. Negative Overvoltage Recovery
180
160
140
120
100
80
60
40
20
0
–20
10
100
10k
1k
100k
10M
1M
100M
FREQUENCY (Hz)
Figure 20. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com