Electronic Components Datasheet Search
  English  ▼

X  

STSAFE-A120 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 3Page - STMicroelectronics STSAFE-A120 Datasheet HTML 4Page - STMicroelectronics STSAFE-A120 Datasheet HTML 5Page - STMicroelectronics STSAFE-A120 Datasheet HTML 6Page - STMicroelectronics STSAFE-A120 Datasheet HTML 7Page - STMicroelectronics STSAFE-A120 Datasheet HTML 8Page - STMicroelectronics STSAFE-A120 Datasheet HTML 9Page - STMicroelectronics STSAFE-A120 Datasheet HTML 10Page - STMicroelectronics STSAFE-A120 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
The secret or the plain text can be sent to the STSAFE-A120 in the command data of the WRAP LOCAL
ENVELOPE command. In the response, the STSAFE-A120 returns an envelope, which contains the encrypted
secret or plain text and a MAC. Such an envelope is known as a local envelope.
The local host can use the UNWRAP LOCAL ENVELOPE command to retrieve the temporary secret or plain text.
The wrapping and unwrapping processes utilize a key from one of the local envelope key slots and the AES key
wrap algorithm.
Local envelope key slots
The STSAFE-A120 supports two local envelope key slots.
Each slot can store an AES-128- or AES-256-bit key that can be used for the wrapping and unwrapping of local
envelopes.
A local envelope key is generated randomly by the STSAFE-A120 with the GENERATE KEY command, and it
never leaves the STSAFE-A120.
Command flow
1. Generation of the local envelope key:
The local host queries the STSAFE-A120 to randomly generate a local envelope key in one of the two
slots, using the GENERATE KEY command.
2. Wrapping of local envelope:
The local host builds the local envelope by using the STSAFE-A120 wrap local envelop command.
This command requires a local host’s C-MAC, plain text data (usually a cryptographic key that needs to
be encrypted with the host’s cipher key) and the local envelope key slot number (the key to use for
encryption of plain text data).
The response to the wrap local envelope command contains the envelope (plain text is encrypted using
the local envelope key).
3. Unwrapping of local envelope by receiver:
The local host provides the local envelope to the STSAFE-A120 by using the unwrap local envelop
command and the local envelope key slot.
The host must generate a local host’s C-MAC with the command.
The STSAFE-A120 provides the envelope cryptogram (usually a cryptographic key) decrypted with the
local envelope key) in its response.
The response is encrypted using the host’s cipher key.
The host decrypts the response with the host’s cipher key and obtains the decrypted envelope
cryptogram.
STSAFE-A120
Product use cases
DS14609 - Rev 1
page 7/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com