Electronic Components Datasheet Search
  English  ▼

X  

STSAFE-A120 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSAFE-A120 Datasheet HTML 4Page - STMicroelectronics STSAFE-A120 Datasheet HTML 5Page - STMicroelectronics STSAFE-A120 Datasheet HTML 6Page - STMicroelectronics STSAFE-A120 Datasheet HTML 7Page - STMicroelectronics STSAFE-A120 Datasheet HTML 8Page - STMicroelectronics STSAFE-A120 Datasheet HTML 9Page - STMicroelectronics STSAFE-A120 Datasheet HTML 10Page - STMicroelectronics STSAFE-A120 Datasheet HTML 11Page - STMicroelectronics STSAFE-A120 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Figure 6. Wrap/unwrap local envelop command flow
IoT device
Local host
I2C
STSAFE-A120
Builds wrap command
C-MAC and enciphers the
plain text
Generate key
(key slot number)
OK
Wrap local envelope
(plain text + local envelope key slot)
Verifies C-MAC
Enciphered plain text
Decrypts cryptogram
(plaint text key) and enciphers it with
local host’s cipher key
Envelope
Stores envelope
Builds unwrap
command C-MAC
Unwrap local envelope
(local envelope key slot + envelope)
Deciphers the received
response to obtain the plain text
and use it
2.4
Key establishment for secure connection (TLS)
This use case shows how to generate the same shared secret in the local host and in the remote host without
having to exchange it. The principle consists in generating two ECC ephemeral key pairs on both sides. Then,
after exchanging the public keys of these two key pairs, the local host and the remote host run an ECDH scheme
to calculate the shared secret.
The goal of this use case is to share a secret between the local host and the remote server using the elliptic curve
Diffie-Hellman (ECDH) scheme with a static key in the STSAFE-A120. The STSAFE-A120 also supports ECDHE
that utilizes an ephemeral key, but this is not illustrated.
The shared secret should further be derived to one or more session keys, but this is not illustrated here. The
session keys can then be used in communication protocols like TLS for confidentiality, integrity, and authenticity of
the data that are exchanged between the local host and the remote server. Below are some examples of data:
•
From the local host to the remote server: power consumption of a smart meter, alarm of a fire sensor or
blood pressure data of a health sensor.
•
From the remote server to the local host: activating the recharge of the battery of an electric car, activating
home appliances like air conditioning or water heaters, or pushing firmware upgrades to IoT devices.
STSAFE-A120
Product use cases
DS14609 - Rev 1
page 8/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com