Electronic Components Datasheet Search
  English  ▼

X  

STSAFE-A120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSAFE-A120
Description  Secure authentication companion device for consumables, accessories, and connected objects
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A120 Datasheet(HTML) 1 Page - STMicroelectronics

  STSAFE-A120 Datasheet HTML 1Page - STMicroelectronics STSAFE-A120 Datasheet HTML 2Page - STMicroelectronics STSAFE-A120 Datasheet HTML 3Page - STMicroelectronics STSAFE-A120 Datasheet HTML 4Page - STMicroelectronics STSAFE-A120 Datasheet HTML 5Page - STMicroelectronics STSAFE-A120 Datasheet HTML 6Page - STMicroelectronics STSAFE-A120 Datasheet HTML 7Page - STMicroelectronics STSAFE-A120 Datasheet HTML 8Page - STMicroelectronics STSAFE-A120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Features
•
Unique ID
•
Authentication for:
–
Consumables and accessories anticloning
–
Connected objects secure connection and preattachment to clouds
(Azure, AWS, and others)
–
Wireless chargers Qi 1.3 and Qi 2.0
–
Matter devices
–
Digital power supplies OCP M-CRPS
•
Pairing and secure channel with host application processor
•
Configurable secure storage
•
Usage monitoring with secure counters
•
Secure connection establishment with remote host including transport layer
security (TLS 1.2 and TLS 1.3) handshake
•
Signature verification service (secure boot and firmware upgrade)
•
Secure storage in host nonvolatile memory based on wrapping and
unwrapping of local host envelopes
•
Data hashing
•
Symmetric data encryption or decryption
•
On-chip key pair generation
Cryptography and security features
•
Advanced asymmetric cryptography
–
5 Elliptic curve crytpography (ECC), nonvolatile private key slots + 1
ephemeral ECC key slot
–
Supported elliptic curves:
◦
NIST P-256 P-384, P-521
◦
Brainpool P-256 P-384, P-512
◦
Edwards 25519
◦
Curve25519
•
Supported functionalities:
–
Digital signature generation and verification (ECDSA and EdDSA)
–
Diffie-Hellman shared secret establishment (ECDH)
•
Advanced symmetric cryptography
–
16 slots of symmetric cryptography with AES-128/256 CCM*, ECB,
GCM, CMAC, and HKDF
•
Pairing with host-applicative processor
–
AES 128-bit or 256-bit
•
Local wrap/unwrap envelop key
–
2 slots of keys with AES 128-bit or AES 256-bit
•
Data hashing
–
SHA-2 with SHA-256, SHA-384, SHA-512
–
SHA-3 with SHA3-256, SHA3-384, SHA3-512
SO8N 4 × 5 mm
UFDFPN8
2 × 3 mm
Product status
STSAFE-A120
Secure authentication companion device for consumables, accessories,
and connected objects
STSAFE-A120
Datasheet
DS14609 - Rev 1 - April 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STSAFE-A120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
Authentication, state-of-the-art security for peripherals and IoT devices
19-Dec-2019
More results

Similar Description - STSAFE-A120

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
Input Device and Power Management Companion IC for Jupiter Devices
logo
ATMEL Corporation
AT88SC1608 ATMEL-AT88SC1608 Datasheet
253Kb / 25P
8 x 256 x 8 Secure Memory with Authentication
AT88SC153 ATMEL-AT88SC153 Datasheet
365Kb / 24P
3 x 64 x 8 Secure Memory with Authentication
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
Intersil Corporation
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
FlexiHash For Battery Authentication
March 9, 2006
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
FlexiHash??For Battery Authentication
logo
NXP Semiconductors
A7001AG NXP-A7001AG Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
logo
Texas Instruments
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
List of Unclassifed Man...
SCS200 ETC2-SCS200 Datasheet
168Kb / 2P
Secure Shell (SSH) access provides strong authentication and secure communications
logo
Maxim Integrated Produc...
REFD5822 MAXIM-REFD5822 Datasheet
556Kb / 6P
Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design
Feb 12, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com