Electronic Components Datasheet Search
  English  ▼

X  

TSA5060AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TSA5060AT
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TSA5060AT Datasheet HTML 2Page - NXP Semiconductors TSA5060AT Datasheet HTML 3Page - NXP Semiconductors TSA5060AT Datasheet HTML 4Page - NXP Semiconductors TSA5060AT Datasheet HTML 5Page - NXP Semiconductors TSA5060AT Datasheet HTML 6Page - NXP Semiconductors TSA5060AT Datasheet HTML 7Page - NXP Semiconductors TSA5060AT Datasheet HTML 8Page - NXP Semiconductors TSA5060AT Datasheet HTML 9Page - NXP Semiconductors TSA5060AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2000 Oct 24
6
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
The TSA5060A is controlled via the two-wire I2C-bus.
For programming, there is one 7-bit module address and
bit R/W for selecting READ or WRITE mode.
To be able to have more than one synthesizer in an
I2C-bus system, one of four possible addresses is selected
depending on the voltage applied at pin AS (see Table 3).
The TSA5060A fulfils the fast mode I2C-bus, according to
the Philips I2C-bus specification. The I2C-bus interface is
designed in such a way that pins SCL and SDA can be
connected either to 5 or 3.3 V pulled-up I2C-bus lines,
allowing the PLL synthesizer to be connected directly to
the bus lines of a 3.3 V microcontroller.
WRITE mode: R/W=0
After the address transmission (first byte), data bytes can
be sent to the device (see Table 1). Four data bytes are
needed to fully program the TSA5060A. The bus
transceiver has an auto-increment facility that permits
programming of the TSA5060A within one single
transmission (address + 4 data bytes).
The TSA5060A can also be partly programmed on the
condition that the first data byte following the address is
byte 2 or 4. The meaning of the bits in the data bytes is
given in Table 1. The first bit of the first data byte indicates
whether byte 2 (first bit is logic 0) or byte 4 (first bit is
logic 1) will follow. Until an I2C-bus STOP condition is sent
by the controller, additional data bytes can be entered
without the need to re-address the device.
To allow a smooth frequency sweep for fine tuning, and
while the data of the dividing ratio of the main divider is in
data bytes 2, 3 and 4, it is necessary to change the
frequency to send the data bytes 2 to 5 in a repeated
sending, or to finish an incomplete transmission by a
STOP condition. Repeated sending of data bytes 2 and 3
without ending the transmission does not change the
dividing ratio. To illustrate, the following data sequences
will change the dividing ratio:
• Bytes 2, 3, 4 and 5
• Bytes 4, 5, 2 and 3
• Bytes 2, 3, 4 and STOP
• Bytes 4, 5, 2 and STOP
• Bytes 2, 3 and STOP
• Bytes 2 and STOP
• Bytes 4 and STOP.
Table 1
Write data format
Note
1. MSB is transmitted first.
BYTE
DESCRIPTION
MSB(1)
LSB
CONTROL BIT
1
address
1
1
0
0
0
MA1
MA0
0
A
2
programmable divider
0
N14
N13
N12
N11
N10
N9
N8
A
3
programmable divider
N7
N6
N5
N4
N3
N2
N1
N0
A
4
control data
1
N16
N15
PE
R3
R2
R1
R0
A
5
control data
C1
C0
XCE
XCS
P3
P2/T2
P1/T1
P0/T0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com