Electronic Components Datasheet Search
  English  ▼

X  

TSA5060AT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TSA5060AT
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060AT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TSA5060AT Datasheet HTML 4Page - NXP Semiconductors TSA5060AT Datasheet HTML 5Page - NXP Semiconductors TSA5060AT Datasheet HTML 6Page - NXP Semiconductors TSA5060AT Datasheet HTML 7Page - NXP Semiconductors TSA5060AT Datasheet HTML 8Page - NXP Semiconductors TSA5060AT Datasheet HTML 9Page - NXP Semiconductors TSA5060AT Datasheet HTML 10Page - NXP Semiconductors TSA5060AT Datasheet HTML 11Page - NXP Semiconductors TSA5060AT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2000 Oct 24
8
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
READ mode: R/W=1
Data can be read out of the TSA5060A by setting bit R/W
to logic 1 (see Table 5). After the slave address has been
recognized, the TSA5060A generates an acknowledge
pulse and the first data byte (status word) is transferred on
the SDA line. Data is valid on the SDA line during a
HIGH-level of the SCL clock signal.
A second data byte can be read out of the TSA5060A if the
microcontroller generates an acknowledge bit on the
SDA line. End of transmission will occur if no acknowledge
bit from the controller occurs.The TSA5060A will then
release the data line to allow the microcontroller to
generate a STOP condition. When ports P0 to P2 are
used as inputs, they must be programmed in their
high-impedance state.
The POR flag is set to logic 1 when VCC drops below
approximately 2.75 V and at power-on.
It is reset to logic 0 when an end of data is detected by the
TSA5060A (end of a READ sequence).
Control of the loop is made possible with the in-lock flag
which indicates if the loop is phase-locked (bit FL = 1).
The bits I2, I1 and I0 represent the status of the I/O ports
P2, P1 and P0 respectively. A logic 0 indicates a
LOW-level and a logic 1 indicates a HIGH-level.
A built-in 5-level ADC is available at pin ADC. This
converter can be used to feed AFC information to the
microcontroller through the I2C-bus. The relationship
between bits A2, A1, A0 and the input voltage at pin ADC
is given in Table 7.
Table 5
Read data format
Note
1. MSB is transmitted first.
Table 6
Explanation of Table 5
Table 7
ADC levels
Note
1. Accuracy is
±0.03 V
CC.
BYTE
DESCRIPTION
MSB(1)
LSB
CONTROL
BIT
1
address
1
1000
MA1
MA0
1
A
2
status byte
POR
FL
I2
I1
I0
A2
A1
A0
−
BIT
DESCRIPTION
A
acknowledge bit
MA1 and MA0
programmable address bits; see Table 3
POR
Power-on reset flag (bit POR = 1 at power-on)
FL
in-lock flag (bit FL = 1 when the loop is phase-locked)
I2, I1 and I0
digital information for I/O ports P2, P1 and P0 respectively
A2, A1 and A0
digital outputs of the 5-level ADC; see Table 7
A2
A1
A0
VOLTAGE APPLIED TO PIN ADC(1)
1
0
0
0.6VCC to VCC
0
1
1
0.45VCC to 0.6VCC
0
1
0
0.3VCC to 0.45VCC
0
0
1
0.15VCC to 0.3VCC
0
0
0
0 to 0.15VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com