Electronic Components Datasheet Search
  English  ▼

X  

OPA838 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA838 Datasheet(HTML) 39 Page - Texas Instruments

Back Button OPA838 Datasheet HTML 35Page - Texas Instruments OPA838 Datasheet HTML 36Page - Texas Instruments OPA838 Datasheet HTML 37Page - Texas Instruments OPA838 Datasheet HTML 38Page - Texas Instruments OPA838 Datasheet HTML 39Page - Texas Instruments OPA838 Datasheet HTML 40Page - Texas Instruments OPA838 Datasheet HTML 41Page - Texas Instruments OPA838 Datasheet HTML 42Page - Texas Instruments OPA838 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2023) to Revision D (September 2024)
Page
• Added DXB (X2QFN, 8) package and associated content to data sheet...........................................................1
Changes from Revision B (October 2018) to Revision C (October 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed Device Information table to Package Information, updated columns, and added note 2....................1
Changes from Revision A (February 2018) to Revision B (October 2018)
Page
• Changed < 5-µA Shutdown Current to < 1-µA Shutdown Current in Features section...................................... 1
• Changed value of common-mode and differential-mode input impedance in Electrical Characteristics VS = 5 V
and Electrical Characteristics VS = 3 V tables....................................................................................................5
• Changed value of power-down quiescent current in Electrical Characteristics: VS = 5 V and Electrical
Characteristics VS = 3 V tables.......................................................................................................................... 5
• Changed 5 µA to 1 µA in Overview section .....................................................................................................19
• Changed standby current from 5 µA to 1 µA in Power-Down Operation section............................................. 21
• Changed common-mode input capacitance from 1.3 pF to 1 pF in Trade-Offs in Selecting The Feedback
Resistor Value section...................................................................................................................................... 21
• Changed 1 + 6.3 / 1.2 = 6.25 V/V, adding the 1.3-pF device common-mode capacitance to 1 + 6 / 1.2 = 6 V/V,
adding the 1-pF device common-mode capacitance in Trade-Offs in Selecting The Feedback Resistor Value
section.............................................................................................................................................................. 21
• Changed 2 µA to 0.1 µA and 5 µA to 1 µA in last sentence of Power Shutdown Operation section............... 27
• Changed Power Supply Recommendations and Thermal Notes title to Power Supply Recommendations ... 36
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com