Electronic Components Datasheet Search
  English  ▼

X  

OPA838 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA838 Datasheet(HTML) 40 Page - Texas Instruments

Back Button OPA838 Datasheet HTML 36Page - Texas Instruments OPA838 Datasheet HTML 37Page - Texas Instruments OPA838 Datasheet HTML 38Page - Texas Instruments OPA838 Datasheet HTML 39Page - Texas Instruments OPA838 Datasheet HTML 40Page - Texas Instruments OPA838 Datasheet HTML 41Page - Texas Instruments OPA838 Datasheet HTML 42Page - Texas Instruments OPA838 Datasheet HTML 43Page - Texas Instruments OPA838 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
www.ti.com
PACKAGE OUTLINE
1.3
1.1
1.5
1.3
0.4
0.3
0.05
0.00
2X 0.8
4X 0.4
6X 0.4
0.2
2X 0.68
0.48
8X 0.25
0.15
(0.127) TYP
X2QFN - 0.4 mm max height
DXB0008A
PLASTIC QUAD FLATPACK - NO LEAD
4230414/A 01/2024
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.1)
SYMM
SYMM
1
3
4
5
7
8
0.1
C A B
0.05
C
SCALE 9.000
A
B
C
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com