Electronic Components Datasheet Search
  English  ▼

X  

OPA838 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA838 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA838 Datasheet HTML 25Page - Texas Instruments OPA838 Datasheet HTML 26Page - Texas Instruments OPA838 Datasheet HTML 27Page - Texas Instruments OPA838 Datasheet HTML 28Page - Texas Instruments OPA838 Datasheet HTML 29Page - Texas Instruments OPA838 Datasheet HTML 30Page - Texas Instruments OPA838 Datasheet HTML 31Page - Texas Instruments OPA838 Datasheet HTML 32Page - Texas Instruments OPA838 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Table 8-1 lists the recommended resistor values from target gains of 6 V/V to 20 V/V. This table controls the
RF and RG values to set the resistor noise contribution at approximately 40% of the total output noise power.
This increases the spot noise at the output over what the op amp voltage noise produces by 20%. Lower values
reduce the output noise of any design at the cost of more power in the feedback circuit. Using the TINA model
and simulation tool shows the impact of different resistor value choices on response shape and noise.
Table 8-1. Noninverting Recommended Resistor Values
TARGET
AVERAGE
RF (Ω)
RG (Ω)
ACTUAL GAIN (V/V)
GAIN (dB)
6
1000
200
6
15.56
7
1180
196
7.02
16.93
8
1370
196
7.99
18.05
9
1540
191
9.06
19.15
10
1690
187
10.04
20.03
11
1870
187
11
20.83
12
2050
187
11.96
21.56
13
2210
182
13.14
22.37
14
2370
182
14.02
22.94
15
2550
182
15.01
23.53
16
2740
182
16.05
24.11
17
2870
178
17.12
24.67
18
3090
182
17.98
25.09
19
3240
178
19.20
25.67
20
3400
178
20.1
26.06
21
3570
178
21.06
26.47
8.1.2 Inverting Amplifier
The OPA838 can be used as an inverting amplifier with signal input to the inverting input (VIN–) through the
gain-setting resistor (RG.) Figure 7-2 illustrates a basic block diagram of the circuit.
If VIN = VREF + VSIG, and the noninverting input is dc biased to VREF, the output of the amplifier is calculated
according to Equation 2:
F
SIG
REF
G
R
V
= V
+ V
OUT
R
æ
ö
-
ç
÷
è
ø
(2)
The signal gain of the circuit
-
F
G
R
G =
R
and VREF provides a reference point around which the input and output
signals swing. For bipolar-supply operation, VREF is often GND. The output signal is 180° out-of-phase with the
input signal in the pass band of the application. Figure 8-2 illustrates the 50-Ω input matched configuration used
for the inverting characterization plots. In this case, an added termination resistor is placed in parallel with the
input RG resistor to provide an impedance match to 50-Ω test equipment. Table 8-2 lists the suggested values for
RF, RG, and RT for inverting gains from –6 V/V to –20 V/V.
www.ti.com
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com