Electronic Components Datasheet Search
  English  ▼

X  

AD829 Datasheet(PDF) 6 Page - Analog Devices

Part # AD829
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD829 Datasheet HTML 2Page - Analog Devices AD829 Datasheet HTML 3Page - Analog Devices AD829 Datasheet HTML 4Page - Analog Devices AD829 Datasheet HTML 5Page - Analog Devices AD829 Datasheet HTML 6Page - Analog Devices AD829 Datasheet HTML 7Page - Analog Devices AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices AD829 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD829
Data Sheet
Rev. I | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Input Common-Mode Range vs. Supply Voltage
Figure 6. Output Voltage Swing vs. Supply Voltage
Figure 7. Output Voltage Swing vs. Resistive Load
Figure 8. Quiescent Current vs. Supply Voltage
Figure 9. Input Bias Current vs. Temperature
Figure 10. Closed-Loop Output Impedance vs. Frequency
SUPPLY VOLTAGE (
±V)
0
5
10
15
0
5
10
15
20
20
+VOUT
–VOUT
SUPPLY VOLTAGE (±V)
0
5
10
15
0
5
10
15
20
20
+VOUT
–VOUT
RL = 1kΩ
LOAD RESISTANCE (
Ω)
10
100
1k
0
5
10
25
20
15
30
10k
±15V
SUPPLIES
±5V
SUPPLIES
SUPPLY VOLTAGE (
±V)
0
5
10
15
4.0
4.5
5.0
5.5
6.0
20
TEMPERATURE (
°C)
–60
–40
–20
0
20
40
60
80
100
120
–2
–3
–4
–5
140
VS = ±5V, ±15V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
0.001
0.01
0.1
1
10
100
100M
AV = 20
CCOMP = 0pF
AV = 1
CCOMP = 68pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com