Electronic Components Datasheet Search
  English  ▼

X  

AD829 Datasheet(PDF) 14 Page - Analog Devices

Part # AD829
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD829 Datasheet HTML 10Page - Analog Devices AD829 Datasheet HTML 11Page - Analog Devices AD829 Datasheet HTML 12Page - Analog Devices AD829 Datasheet HTML 13Page - Analog Devices AD829 Datasheet HTML 14Page - Analog Devices AD829 Datasheet HTML 15Page - Analog Devices AD829 Datasheet HTML 16Page - Analog Devices AD829 Datasheet HTML 17Page - Analog Devices AD829 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD829
Data Sheet
Rev. I | Page 14 of 20
Because the closed-loop bandwidth is a function of RF and
CCOMP (see Figure 39), it is independent of the amplifier closed-
loop gain, as shown in Figure 41. To preserve stability, the time
constant of RF and CCOMP needs to provide a bandwidth of
<65 MHz. For example, with CCOMP = 15 pF and RF = 1 kΩ, the
small signal bandwidth of the AD829 is 10 MHz. Figure 40
shows that the slew rate is in excess of 60 V/µs. As shown in
Figure 41, the closed-loop bandwidth is constant for gains of
−1 to −4; this is a property of the current feedback amplifiers.
Figure 39. Inverting Amplifier Connection Using Current Feedback
Compensation
Figure 40. Large Signal Pulse Response of Inverting Amplifier Using Current
Feedback Compensation, CCOMP = 15 pF, C1 = 15 pF RF = 1 kΩ, R1 = 1 kΩ
Figure 41. Closed-Loop Gain vs. Frequency for the Circuit of Figure 38
Figure 42 is an oscilloscope photo of the pulse response of a unity-
gain inverter that has been configured to provide a small signal
bandwidth of 53 MHz and a subsequent slew rate of 180 V/µs;
RF = 3 kΩ and CCOMP = 1 pF. Figure 43 shows the excellent pulse
response as a unity-gain inverter, this using component values
of RF = 1 kΩ and CCOMP = 4 pF.
Figure 42. Large Signal Pulse Response of the Inverting Amplifier Using
Current Feedback Compensation, CCOMP = 1 pF, RF = 3 kΩ, R1 = 3 kΩ
Figure 43. Small Signal Pulse Response of Inverting Amplified Using Current
Feedback Compensation, CCOMP = 4 pF, RF = 1 kΩ, R1 = 1 kΩ
2
3
7
6
4
–
+
AD829
+VS
–VS
0.1
µF
5
0.1
µF
C1*
50
Ω
50
Ω
COAX
CABLE
R1
CCOMP
RF
VOUT
RL
1k
Ω
VIN
IN4148
*RECOMMENDED VALUE
OF CCOMP FOR C1
<7pF
0pF
≥7pF
15pF
CCOMP SHOULD NEVER EXCEED
15pF FOR THIS CONNECTION
5V
200ns
0%
10
90
100%
FREQUENCY (Hz)
100k
1M
10M
–15
–12
–9
–6
–3
0
3
6
9
12
15
100M
GAIN = –4
–3dB @ 8.2MHz
GAIN = –2
–3dB @ 9.6MHz
GAIN = –1
–3dB @ 10.2MHz
VIN = –30dBm
VS = ±15V
RL = 1kΩ
RF = 1kΩ
CCOMP = 15pF
C1 = 15pF
5V
200ns
0%
10
90
100%
20mV
10ns
0%
10
90
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com