Electronic Components Datasheet Search
  English  ▼

X  

AD829 Datasheet(PDF) 9 Page - Analog Devices

Part # AD829
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD829 Datasheet HTML 5Page - Analog Devices AD829 Datasheet HTML 6Page - Analog Devices AD829 Datasheet HTML 7Page - Analog Devices AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices AD829 Datasheet HTML 10Page - Analog Devices AD829 Datasheet HTML 11Page - Analog Devices AD829 Datasheet HTML 12Page - Analog Devices AD829 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 9 of 20
Figure 23. Slew Rate vs. Temperature
Figure 24. Differential Phase and Gain vs. Supply Voltage
Figure 25. Gain-to-2 Follower Large Signal Pulse Response (See Figure 32)
Figure 26. Gain-of-2 Follower Small Signal Pulse Response (See Figure 32)
Figure 27. Gain-of-20 Follower Large Signal Pulse Response (See Figure 33)
Figure 28. Gain-of-20 Follower Small Signal Pulse Response (See Figure 33)
–60
–40
–20
0
20
40
60
80
100
120
100
400
350
300
250
200
150
140
RISE
FALL
RISE
FALL
VS = ±15V
VS = ±5V
AV = +20
SLEW RATE 10% TO 90%
TEMPERATURE (°C)
SUPPLY VOLTAGE (V)
±5
±10
0.03
0.05
0.04
0.03
0.02
0.01
±15
0.043°
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
200mV
50ns
0%
10
90
20mV
20ns
0%
10
90
100%
2V
50ns
0%
10
90
100%
50mV
20ns
0%
10
90
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com