Electronic Components Datasheet Search
  English  ▼

X  

TLV1864 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV1864
Description  TLV185x and TLV186x Family of 40V, Nanopower Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1864 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV1864 Datasheet HTML 7Page - Texas Instruments TLV1864 Datasheet HTML 8Page - Texas Instruments TLV1864 Datasheet HTML 9Page - Texas Instruments TLV1864 Datasheet HTML 10Page - Texas Instruments TLV1864 Datasheet HTML 11Page - Texas Instruments TLV1864 Datasheet HTML 12Page - Texas Instruments TLV1864 Datasheet HTML 13Page - Texas Instruments TLV1864 Datasheet HTML 14Page - Texas Instruments TLV1864 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
5.7 Typical Characteristics (continued)
Input Common-Mode Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
-5
-4
-3
-2
-1
0
1
2
3
4
5
For 29 units
Figure 5-7. Offset vs. Common-Mode, 40V
Input Common-Mode Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
-40
C
25
C
85
C
125
C
Figure 5-8. Hysteresis vs. Common-Mode, 40V
Input Common-Mode Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-10
0
10
20
30
40
50
60
70
80
90
100
-40
C
25
C
85
C
125
C
Figure 5-9. Bias Current vs. Common-Mode, 1.8V
Input Common-Mode Voltage (V)
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
-10
0
10
20
30
40
50
60
70
80
90
100
-40
C
25
C
85
C
125
C
Figure 5-10. Bias Current vs. Common-Mode, 12V
Input Common-Mode Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
-10
0
10
20
30
40
50
60
70
80
90
100
-40
C
25
C
85
C
125
C
Figure 5-11. Bias Current vs. Common-Mode, 40V
Te mperature (
C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
1n
100p
10p
1p
100
10
VPU = 1.8V
VPU = 12V
VPU = 40V
Figure 5-12. Leakage Current vs. Temperature (Open Drain
only)
www.ti.com
TLV1851, TLV1861, TLV1852, TLV1862, TLV1854, TLV1864
SNOSDE7B – DECEMBER 2022 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV1851 TLV1861 TLV1852 TLV1862 TLV1854 TLV1864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com