Electronic Components Datasheet Search
  English  ▼

X  

TLV1864 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV1864
Description  TLV185x and TLV186x Family of 40V, Nanopower Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1864 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV1864 Datasheet HTML 17Page - Texas Instruments TLV1864 Datasheet HTML 18Page - Texas Instruments TLV1864 Datasheet HTML 19Page - Texas Instruments TLV1864 Datasheet HTML 20Page - Texas Instruments TLV1864 Datasheet HTML 21Page - Texas Instruments TLV1864 Datasheet HTML 22Page - Texas Instruments TLV1864 Datasheet HTML 23Page - Texas Instruments TLV1864 Datasheet HTML 24Page - Texas Instruments TLV1864 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
7.1.1.3 Overdrive Voltage
The overdrive voltage, VOD, is the amount of input voltage beyond the reference voltage (and not the total input
peak-to-peak voltage). The overdrive voltage is 100mV as shown in the Figure 7-1 example. The overdrive
voltage can influence the propagation delay (tp). The smaller the overdrive voltage, the longer the propagation
delay, particularly when <100mV. If the fastest speeds are desired, it is recommended to apply the highest
amount of overdrive possible.
The risetime (tr) and falltime (tf) is the time from the 20% and 80% points of the output waveform.
7.1.2 Hysteresis
The basic comparator configuration may produce a noisy "chatter" output if the applied differential input voltage
is near the comparator's offset voltage. This usually occurs when the input signal is moving very slowly across
the switching threshold of the comparator. This problem can be prevented by adding external hysteresis to the
comparator.
Since the TLV185x and TLV186x devices only have a minimal amount of internal hysteresis of 2.7mV, external
hysteresis can be applied in the form of a positive feedback loop that adjusts the trip point of the comparator
depending on its current output state.
The hysteresis transfer curve is shown in Figure 7-2. This curve is a function of three components: VTH, VOS,
and VHYST:
• VTH is the actual set voltage or threshold trip voltage.
• VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
• VHYST is the hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise.
VTH + VOS ± (VHYST / 2)
VTH + VOS + (VHYST / 2)
VTH + VOS
Figure 7-2. Hysteresis Transfer Curve
For more information, please see Application Note SBOA219 "Comparator with and without hysteresis circuit".
7.1.2.1 Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 7-3.
R1
1 0Ÿ
+VCC
+5 V
VIN
R3
1 0Ÿ
+
±
R2
1 0Ÿ
VO
VA
5 V
0 V
VA2
VA1
VO
1.67 V
3.33 V
VIN
Figure 7-3. TLV185x in an Inverting Configuration With Hysteresis
www.ti.com
TLV1851, TLV1861, TLV1852, TLV1862, TLV1854, TLV1864
SNOSDE7B – DECEMBER 2022 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV1851 TLV1861 TLV1852 TLV1862 TLV1854 TLV1864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com