Electronic Components Datasheet Search
  English  ▼

X  

TLV1864 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV1864
Description  TLV185x and TLV186x Family of 40V, Nanopower Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1864 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV1864 Datasheet HTML 20Page - Texas Instruments TLV1864 Datasheet HTML 21Page - Texas Instruments TLV1864 Datasheet HTML 22Page - Texas Instruments TLV1864 Datasheet HTML 23Page - Texas Instruments TLV1864 Datasheet HTML 24Page - Texas Instruments TLV1864 Datasheet HTML 25Page - Texas Instruments TLV1864 Datasheet HTML 26Page - Texas Instruments TLV1864 Datasheet HTML 27Page - Texas Instruments TLV1864 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
+
±
Micro-
Controller
+
3.3 V
Sensor
R1
10 0Ÿ
RPU
UV_OV
±
Open Drain Output Only!
VTH-
VTH+
VIN
Low when VIN < VTH-
Open Drain Output Only!
Output high
when VIN is
within window
R3
10 0Ÿ
R2
10 0Ÿ
Low when VIN > VTH+
Figure 7-7. Window Comparator
7.2.1.1 Design Requirements
For this design, follow these design requirements:
• Alert (logic low output) when an input signal is less than 1.1V
• Alert (logic low output) when an input signal is greater than 2.2V
• Alert signal is active low
• Operate from a 3.3V power supply
7.2.1.2 Detailed Design Procedure
Configure the circuit as shown in Figure 7-7. Connect V+ to a 3.3V power supply and VEE to ground. Make R1,
R2 and R3 each 10MΩ resistors. These three resistors are used to create the positive and negative thresholds
for the window comparator (VTH+ and VTH–).
With each resistor being equal, VTH+ is 2.2V and VTH- is 1.1V. Large resistor values such as 10MΩ are used to
minimize power consumption. The resistor values may be recalculated to provide the desired trip point values.
The sensor output voltage is applied to the inverting and noninverting inputs of the two comparators. Using two
open-drain output comparators allows the two comparator outputs to be Wire-OR'ed together.
The respective comparator outputs will be low when the sensor is less than 1.1V or greater than 2.2V. The
respective comparator outputs will be high when the sensor is in the range of 1.1V to 2.2V (within the "window"),
as shown in Figure 7-8.
7.2.1.3 Application Curve
VTH+ = 2.2 V
VTH± = 1.1 V
VIN
OUT
Figure 7-8. Window Comparator Results
For more information, please see Application note SBOA221 "Window comparator circuit".
TLV1851, TLV1861, TLV1852, TLV1862, TLV1854, TLV1864
SNOSDE7B – DECEMBER 2022 – REVISED SEPTEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV1851 TLV1861 TLV1852 TLV1862 TLV1854 TLV1864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com