Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50MHz, Zero-Crossover, High-CMRR, RRIO Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV365DBVR Datasheet HTML 8Page - Texas Instruments TLV365DBVR Datasheet HTML 9Page - Texas Instruments TLV365DBVR Datasheet HTML 10Page - Texas Instruments TLV365DBVR Datasheet HTML 11Page - Texas Instruments TLV365DBVR Datasheet HTML 12Page - Texas Instruments TLV365DBVR Datasheet HTML 13Page - Texas Instruments TLV365DBVR Datasheet HTML 14Page - Texas Instruments TLV365DBVR Datasheet HTML 15Page - Texas Instruments TLV365DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
7.3.3 Driving Capacitive Loads
The TLVx365 can be used in applications where driving a capacitive load is required. An op amp in a unity-gain,
buffer configuration and driving a capacitive load exhibits a greater tendency to be unstable than an amplifier
operated at a higher gain. The capacitive load, in conjunction with the op-amp output impedance, creates a pole
within the feedback loop that degrades the phase margin. The degradation of the phase margin increases as the
capacitive loading increases.
Improving Capacitive Load Drive shows one technique to increase the capacitive-load drive capability of the
amplifier operating in unity gain is to insert a small resistor, RISO, in series with the output. This resistor
significantly reduces the overshoot and ringing associated with capacitive loads.
R
ISO
IN+
R
ISO
IN+
R
F
R
G
Gain = 1 V/V
Gain
1 V/V
TLV365
TLV365
Figure 7-4. Improving Capacitive Load Drive
A possible drawback of this technique is the voltage divider created with the added series resistor (RISO) and
any resistor (RL) connected in parallel with the capacitive load. The voltage divider introduces a gain error at the
output that also reduces the output swing. The error contributed by the voltage divider can be insignificant. For
instance, with a load resistance of RL = 10 kΩ and RISO = 20 Ω, the gain error is only approximately 0.2%.
The following figure shows the recommended isolation resistor (RISO) to be connected at the output of TLVx365
for different capacitive loads. The TLVx365 can drive higher capacitive loads without the need of isolation
resistors at higher gains.
For gain > 1 V/V, RF = 1 kΩ
For gain = 1 V/V, RF = 0 Ω
Figure 7-5. Recommended Isolation Resistor vs Capacitive Load
TLV365, TLV2365
SBOSAA8C – DECEMBER 2022 – REVISED AUGUST 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV365 TLV2365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com