Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50MHz, Zero-Crossover, High-CMRR, RRIO Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV365DBVR Datasheet HTML 10Page - Texas Instruments TLV365DBVR Datasheet HTML 11Page - Texas Instruments TLV365DBVR Datasheet HTML 12Page - Texas Instruments TLV365DBVR Datasheet HTML 13Page - Texas Instruments TLV365DBVR Datasheet HTML 14Page - Texas Instruments TLV365DBVR Datasheet HTML 15Page - Texas Instruments TLV365DBVR Datasheet HTML 16Page - Texas Instruments TLV365DBVR Datasheet HTML 17Page - Texas Instruments TLV365DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TLVx365 offer outstanding dc and ac performance. These devices operate with up to a 5.5-V power supply,
offer an ultra-low input bias current and a 50-MHz bandwidth with true rail-to-rail input capability.
8.1.1 Overdrive Recovery Performance
The TLVx365 family exhibits excellent overdrive recovery when the output is driven well beyond the V+ or V–
supplies. When configured in a low-side current-sensing configuration (see Figure 8-1), the output of the op amp
(TLVx365) is often driven to or less than ground as a result of ground bounce at the power ground or the ≤ 0-A
current being measured across shunt resistance RSH. The TLVx365 has the ability to recover from an overdrive
event in < 100 ns. Figure 8-2 shows the comparison of the overdrive recovery performance of TLVx365 and
other popular op amps in the same category.
+
–
Switching
Circuit
ISH
VOUT
3.3 V
DUT
ADS7056
+
–
3.3 V
TLV3201
VTH
MCU
Interrupt
Digital I/O
300 V
3.3 V
GND
1 k
RSH
1 k
10 k
10 k
Figure 8-1. Low-Side Current-Sensing Application Circuit
Time (200 ns/div)
-1
0
1
2
3
4
5
OPA365
OPA836
OPA607
TLV365
Gain = 10 V/V, VOUT driven to (V–) – 1 V
Figure 8-2. TLVx365 Overdrive Recovery
TLV365, TLV2365
SBOSAA8C – DECEMBER 2022 – REVISED AUGUST 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV365 TLV2365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com