Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV365DBVR
Description  TLVx365 50MHz, Zero-Crossover, High-CMRR, RRIO Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV365DBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV365DBVR Datasheet HTML 11Page - Texas Instruments TLV365DBVR Datasheet HTML 12Page - Texas Instruments TLV365DBVR Datasheet HTML 13Page - Texas Instruments TLV365DBVR Datasheet HTML 14Page - Texas Instruments TLV365DBVR Datasheet HTML 15Page - Texas Instruments TLV365DBVR Datasheet HTML 16Page - Texas Instruments TLV365DBVR Datasheet HTML 17Page - Texas Instruments TLV365DBVR Datasheet HTML 18Page - Texas Instruments TLV365DBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
8.1.2 Achieving an Output Level of Zero Volts
Certain single-supply applications require the op
‑amp output to swing from 0 V to a positive full-scale voltage
and have high accuracy. An example is an op amp employed to drive a single-supply ADC having an input range
from 0 V to 3.3 V. Rail-to-rail output amplifiers with very light output loading can achieve an output level within
few millivolts of 0 V (or V+ at the high end), but not true 0 V. Furthermore, the deviation from 0 V only becomes
greater as the required load current increases. This increased deviation is a result of limitations of the CMOS
output stage.
When a pulldown resistor is connected from the amplifier output to a negative voltage source, the TLVx365
can achieve an output level of 0 V, and even a few millivolts below 0 V. Figure 8-3 shows a circuit using this
technique.
V
OUT
RP =10 kΩ
500 µA
TLV365
V
IN
V+ = +5 V
Op Amps
Negative
Supply
Grounded
−V = −5 V
(Additional
Negative Supply)
Figure 8-3. Swing-to-Ground
A pulldown current of approximately 500 μA is required when TLVx365 is connected as a unity-gain buffer.
Pulldown resistor RL is calculated from RL = [(VO − VNEG) / (500 μA)].
Figure 8-4 shows the offset voltage vs output swing.
Output Voltage (V)
-3 -2.5 -2 -1.5 -1 -0.5
0
0.5
1
1.5
2
2.5
3
−20m
−15m
−10m
−5m
0
5m
10m
15m
20m
VS = ±2.75 V
Figure 8-4. Offset Voltage vs Output Swing
www.ti.com
TLV365, TLV2365
SBOSAA8C – DECEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TLV365 TLV2365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com