Electronic Components Datasheet Search
  English  ▼

X  

TPS732 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS732
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS732 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS732 Datasheet HTML 35Page - Texas Instruments TPS732 Datasheet HTML 36Page - Texas Instruments TPS732 Datasheet HTML 37Page - Texas Instruments TPS732 Datasheet HTML 38Page - Texas Instruments TPS732 Datasheet HTML 39Page - Texas Instruments TPS732 Datasheet HTML 40Page - Texas Instruments TPS732 Datasheet HTML 41Page - Texas Instruments TPS732 Datasheet HTML 42Page - Texas Instruments TPS732 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
www.ti.com
PACKAGE OUTLINE
C
7.26
6.86
5.08
5X 0.51
0.41
1.27
TYP
3.05
2.95
1.8 MAX
0.10
0.02
0.32
0.24
0.25
GAGE PLANE
A
6.6
6.4
NOTE 3
B
3.6
3.4
NOTE 3
1.14
0.91
0 -8
TYP
(1.6)
SOT - 1.8 mm max height
DCQ0006A
PLASTIC SMALL OUTLINE
4214845/C 11/2021
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
0.1
C A B
0.1
C A B
1
5
6
PIN 1
INDEX AREA
SEATING PLANE
0.08
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com