Electronic Components Datasheet Search
  English  ▼

X  

TPS732 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS732
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS732 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS732 Datasheet HTML 25Page - Texas Instruments TPS732 Datasheet HTML 26Page - Texas Instruments TPS732 Datasheet HTML 27Page - Texas Instruments TPS732 Datasheet HTML 28Page - Texas Instruments TPS732 Datasheet HTML 29Page - Texas Instruments TPS732 Datasheet HTML 30Page - Texas Instruments TPS732 Datasheet HTML 31Page - Texas Instruments TPS732 Datasheet HTML 32Page - Texas Instruments TPS732 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2024
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS73201DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJEQ
Samples
TPS73201DBVRG4
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJEQ
Samples
TPS73201DBVT
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJEQ
Samples
TPS73201DBVTG4
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJEQ
Samples
TPS73201DCQ
OBSOLETE
SOT-223
DCQ
6
TBD
Call TI
Call TI
-40 to 125
PS73201
TPS73201DCQR
ACTIVE
SOT-223
DCQ
6
2500
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
PS73201
Samples
TPS73201DRBR
ACTIVE
SON
DRB
8
3000
RoHS & Green
NIPDAU | NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
PJEQ
Samples
TPS73201DRBRG4
ACTIVE
SON
DRB
8
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PJEQ
Samples
TPS73201DRBRM3
ACTIVE
SON
DRB
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJEQ
Samples
TPS73201DRBT
OBSOLETE
SON
DRB
8
TBD
Call TI
Call TI
-40 to 125
PJEQ
TPS73213DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
BWD
Samples
TPS73215DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T38
Samples
TPS73215DCQ
OBSOLETE
SOT-223
DCQ
6
TBD
Call TI
Call TI
-40 to 125
PS73215
TPS73215DCQR
ACTIVE
SOT-223
DCQ
6
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PS73215
Samples
TPS73216DBVT
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
T50
Samples
TPS73216DBVTG4
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
T50
Samples
TPS73218DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T37
Samples
TPS73218DBVRG4
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T37
Samples
TPS73218DBVT
OBSOLETE
SOT-23
DBV
5
TBD
Call TI
Call TI
-40 to 125
T37
TPS73218DCQ
OBSOLETE
SOT-223
DCQ
6
TBD
Call TI
Call TI
-40 to 125
PS73218
TPS73218DCQR
ACTIVE
SOT-223
DCQ
6
2500
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
PS73218
Samples
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com