Electronic Components Datasheet Search
  English  ▼

X  

TPS732 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS732
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS732 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS732 Datasheet HTML 12Page - Texas Instruments TPS732 Datasheet HTML 13Page - Texas Instruments TPS732 Datasheet HTML 14Page - Texas Instruments TPS732 Datasheet HTML 15Page - Texas Instruments TPS732 Datasheet HTML 16Page - Texas Instruments TPS732 Datasheet HTML 17Page - Texas Instruments TPS732 Datasheet HTML 18Page - Texas Instruments TPS732 Datasheet HTML 19Page - Texas Instruments TPS732 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
6 Detailed Description
6.1 Overview
The TPS732 low-dropout linear regulator operates down to an input voltage of 1.7V and supports output
voltages down to 1.2V while sourcing up to 250mA of load current. This linear regulator uses an NMOS
pass transistor with an integrated 4MHz charge pump to provide a dropout voltage of less than 150mV at full
load current. This unique architecture also permits stable regulation over a wide range of output capacitors.
Furthermore, the TPS732 does not require any output capacitor for stability. The increased insensitivity to the
output capacitor value and type makes this linear regulator designed for powering a load where the effective
capacitance is unknown.
The TPS732 also features a noise-reduction (NR) pin that allows for additional reduction of the output noise.
With a noise reduction capacitor of 0.01µF connected from the NR pin to GND, the TPS73215 typical output
noise is 12.75µVRMS. The low noise output featured by the TPS732 makes the device designed for powering
VCOs or any other noise-sensitive load.
6.2 Functional Block Diagrams
Servo
Error
Amp
Ref
27kW
8kW
Current
Limit
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80kW
4MHz
Charge Pump
Figure 6-1. Fixed-Voltage Version
TPS732
SBVS037Q – AUGUST 2003 – REVISED SEPTEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com