Electronic Components Datasheet Search
  English  ▼

X  

OP290 Datasheet(PDF) 4 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 4 Page - Analog Devices

  OP290 Datasheet HTML 1Page - Analog Devices OP290 Datasheet HTML 2Page - Analog Devices OP290 Datasheet HTML 3Page - Analog Devices OP290 Datasheet HTML 4Page - Analog Devices OP290 Datasheet HTML 5Page - Analog Devices OP290 Datasheet HTML 6Page - Analog Devices OP290 Datasheet HTML 7Page - Analog Devices OP290 Datasheet HTML 8Page - Analog Devices OP290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OP290
Rev. C | Page 4 of 12
VS = ±1.5 V to ±15 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
OP290G
Unit
Min
Typ
Max
INPUT OFFSET VOLTAGE
V
OS
200
750
μV
AVERAGE INPUT OFFSET VOLTAGE DRIFT
TCV
OS
V
S = ±15 V
1.2
μV/°C
INPUT OFFSET CURRENT
I
OS
V
CM = 0 V
0.1
7
nA
INPUT BIAS CURRENT
I
B
V
CM = 0 V
4.2
25
nA
LARGE-SIGNAL VOLTAGE GAIN
A
VO
V
S = ±5 V, VO = ±0 V
R
L = 100 kΩ
300
600
V/mV
R
L = 10 kΩ
150
250
V/mV
R
L = 2 kΩ
75
125
V/mV
V+ = 5 V, V− = 0 V, 1 V < V
O < 4 V
R
L = 100 kΩ
80
160
V/mV
R
L = 10 kΩ
40
90
V/mV
INPUT VOLTAGE RANGE1
IVR
V+ = 5 V, V− = 0 V
0/3.5
V
V
S = +15 V
–15/+13.5
V
OUTPUT VOLTAGE SWING
V
O
V
S = ±15 V
R
L = 10 kΩ
±13
±14
V
R
L = 2 kΩ
±10
±11
V
V
OH
V+ = 5 V, V − = 0 V, R
L = 2 kΩ
3.9
4.1
V
V
OL
V+ = 5 V, V − = 0 V, R
L = 10 kΩ
10
100
μV
COMMON-MODE REJECTION
CMR
V+ = 5 V, V − = 0 V, 0 V <V
CM < 3.5 V
80
100
dB
V
S = ± 15 V, −15 V < VCM < 13.5 V
90
110
dB
POWER SUPPLY REJECTION RATIO
PSRR
5.6
15
μV/V
SUPPLY CURRENT (ALL AMPLIFIERS)
I
SY
V
S = ±1.5 V
24
50
μA
V
S = ±15 V
31
60
μA
1 Guaranteed by CMR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com