Electronic Components Datasheet Search
  English  ▼

X  

OP290 Datasheet(PDF) 6 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP290 Datasheet HTML 2Page - Analog Devices OP290 Datasheet HTML 3Page - Analog Devices OP290 Datasheet HTML 4Page - Analog Devices OP290 Datasheet HTML 5Page - Analog Devices OP290 Datasheet HTML 6Page - Analog Devices OP290 Datasheet HTML 7Page - Analog Devices OP290 Datasheet HTML 8Page - Analog Devices OP290 Datasheet HTML 9Page - Analog Devices OP290 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
OP290
Rev. C | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
100
0
20
40
60
80
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 3. Input Offset Voltage vs. Temperature
0.15
0.05
0.07
0.09
0.11
0.13
0.14
0.06
0.08
0.10
0.12
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 4. Input Offset Current vs. Temperature
4.5
3.5
3.7
3.9
4.1
4.3
4.4
3.6
3.8
4.0
4.2
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 5. Input Bias Current vs. Temperature
44
4
12
20
28
36
40
8
16
24
32
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
NO LOAD
VS = ±15V
VS = ±1.5V
Figure 6. Supply Current vs. Temperature
600
500
400
300
200
100
0
0
30
25
20
15
10
5
SUPPLY VOLTAGE (V)
RL = 10kΩ
TA = 25°C
TA = 85°C
TA = 125°C
Figure 7. Open-Loop Gain vs. Supply Voltage
140
120
100
80
60
40
20
0
45
90
135
180
0
0.1
100k
10k
1k
100
10
1
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
RL = 10kΩ
GAIN
PHASE
Figure 8. Open-Loop Gain and Phase Shift vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com