Electronic Components Datasheet Search
  English  ▼

X  

OP290 Datasheet(PDF) 1 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 1 Page - Analog Devices

  OP290 Datasheet HTML 1Page - Analog Devices OP290 Datasheet HTML 2Page - Analog Devices OP290 Datasheet HTML 3Page - Analog Devices OP290 Datasheet HTML 4Page - Analog Devices OP290 Datasheet HTML 5Page - Analog Devices OP290 Datasheet HTML 6Page - Analog Devices OP290 Datasheet HTML 7Page - Analog Devices OP290 Datasheet HTML 8Page - Analog Devices OP290 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Precision, Low Power, Micropower
Dual Operational Amplifier
OP290
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1988–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Single-/dual-supply operation: 1.6 V to 36 V, ±0.8 V to ±18 V
True single-supply operation; input and output voltage
Input/output ranges include ground
Low supply current (per amplifier), 20 µA maximum
High output drive, 5 mA minimum
Low input offset voltage, 200 µV typical
High open-loop gain, 400 V/mV minimum
Outstanding PSRR, 5.6 µV/V maximum
Industry standard 8- ead dual pinout
PIN CONNECTIONS
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP290
–
+
A
–
+
B
Figure 1. PDIP (P-Suffix)
GENERAL DESCRIPTION
The OP290 is a high performance micropower dual op amp that
operates from a single supply of 1.6 V to 36 V or from dual
supplies of ±0.8 V to ±18 V. Input voltage range includes the
negative rail allowing the OP290 to accommodate input signals
down to ground in single-supply operation. The OP290 output
swing also includes ground when operating from a single
supply, enabling zero-in, zero-out operation.
The OP290 draws less than 20 μA of quiescent supply current
per amplifier, while being able to deliver over 5 mA of output
current to a load. Input offset voltage is below 200 μV, eliminat-
ing the need for external nulling. Gain exceeds 700,000 and
common-mode rejection is better than 100 dB. The power
supply rejection ratio of under 5.6 μV/V minimizes offset
voltage changes experienced in battery-powered systems. The
low offset voltage and high gain offered by the OP290 bring
precision performance to micropower applications. The
minimal voltage and current requirements of the OP290 suit it
for battery- and solar-powered applications, such as portable
instruments, remote sensors, and satellites. For a single op amp,
see the OP90; for a quad, see the OP490.
+IN
–IN
NULL
NULL
OUTPUT
V+
V–
ELECTRONICALLY ADJUSTED ON CHIP
FOR MINIMUM OFFSET VOLTAGE
Figure 2. Simplified Schematic (One of Two Amplifiers Is Shown)


Similar Part No. - OP290

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP290 AD-OP290 Datasheet
165Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
logo
OPTEK Technologies
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
logo
Analog Devices
OP290 AD-OP290 Datasheet
189Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. B
logo
TT Electronics.
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP290A OPTEK-OP290A Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
More results

Similar Description - OP290

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
OP-290 AD-OP-290 Datasheet
360Kb / 10P
PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
OP-90 AD-OP-90 Datasheet
426Kb / 12P
PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP290 AD-OP290 Datasheet
165Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
OP90 AD-OP90 Datasheet
653Kb / 12P
Precision Low-Voltage Micropower Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Analog Devices
OP290 AD-OP290_03 Datasheet
189Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. B
OP290 AD-OP290_15 Datasheet
284Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. C
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
Precision Low Voltage Micropower Operational Amplifier
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com