Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 18 Page - Analog Devices

Part # LT1363
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1363 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT1363 Datasheet HTML 12Page - Analog Devices LT1363 Datasheet HTML 13Page - Analog Devices LT1363 Datasheet HTML 14Page - Analog Devices LT1363 Datasheet HTML 15Page - Analog Devices LT1363 Datasheet HTML 16Page - Analog Devices LT1363 Datasheet HTML 17Page - Analog Devices LT1363 Datasheet HTML 18Page - Analog Devices LT1363 Datasheet HTML 19Page - Analog Devices LT1363 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT1210
18
Rev C
For more information www.analog.com
.050
(1.27)
.026 – .036
(0.660 – 0.914)
T7 (TO-220) 0801
.135 – .165
(3.429 – 4.191)
.700 – .728
(17.780 – 18.491)
.045 – .055
(1.143 – 1.397)
.165 – .180
(4.191 – 4.572)
.095 – .115
(2.413 – 2.921)
.013 – .023
(0.330 – 0.584)
.620
(15.75)
TYP
.155 – .195*
(3.937 – 4.953)
.152 – .202
(3.860 – 5.130)
.260 – .320
(6.604 – 8.128)
.147 – .155
(3.734 – 3.937)
DIA
.390 – .415
(9.906 – 10.541)
.330 – .370
(8.382 – 9.398)
.460 – .500
(11.684 – 12.700)
.570 – .620
(14.478 – 15.748)
.230 – .270
(5.842 – 6.858)
BSC
SEATING PLANE
*MEASURED AT THE SEATING PLANE
T7 Package
7-Lead Plastic TO-220 (Standard)
(Reference LTC DWG # 05-08-1422)
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LT1210#packaging for the most recent package drawings.
T7 Package
7-Lead Plastic TO-220 (Standard)
(Reference LTC DWG # 05-08-1422)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com