Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 3 Page - Analog Devices

Part # LT1363
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1363 Datasheet(HTML) 3 Page - Analog Devices

  LT1363 Datasheet HTML 1Page - Analog Devices LT1363 Datasheet HTML 2Page - Analog Devices LT1363 Datasheet HTML 3Page - Analog Devices LT1363 Datasheet HTML 4Page - Analog Devices LT1363 Datasheet HTML 5Page - Analog Devices LT1363 Datasheet HTML 6Page - Analog Devices LT1363 Datasheet HTML 7Page - Analog Devices LT1363 Datasheet HTML 8Page - Analog Devices LT1363 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1210
3
Rev C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0V, ±5V ≤ VS ≤ ±15V, pulse tested, VSD = 0V, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
l
±3
±15
±20
mV
mV
Input Offset Voltage Drift
l
10
µV/°C
IIN+
Noninverting Input Current
l
±2
±5
±20
µA
µA
IIN–
Inverting Input Current
l
±10
±60
±100
µA
µA
en
Input Noise Voltage Density
f = 10kHz, RF = 1kΩ, RG = 10Ω, RS = 0Ω
3.0
nV/√Hz
+in
Input Noise Current Density
f = 10kHz, RF = 1kΩ, RG = 10Ω, RS = 10kΩ
2.0
pA/√Hz
–in
Input Noise Current Density
f = 10kHz, RF = 1kΩ, RG = 10Ω, RS = 10kΩ
40
pA/√Hz
RIN
Input Resistance
VIN = ±12V, VS = ±15V
VIN = ±2V, VS = ±5V
l
l
1.50
0.25
10
5
MΩ
MΩ
CIN
Input Capacitance
VS = ±15V
2
pF
Input Voltage Range
VS = ±15V
VS = ±5V
l
l
±12
±2
±13.5
±3.5
V
V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2V
l
l
55
50
62
60
dB
dB
Inverting Input Current
Common Mode Rejection
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2V
l
l
0.1
0.1
10
10
µA/V
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
l
60
77
dB
Noninverting Input Current
Power Supply Rejection
VS = ±5V to ±15V
l
30
500
nA/V
Inverting Input Current
Power Supply Rejection
VS = ±5V to ±15V
l
0.7
5
µA/V
AV
Large-Signal Voltage Gain
TA = 25°C, VS = ±15V, VOUT = ±10V,
RL = 10Ω (Note 5)
55
71
dB
VS = ±15V, VOUT = ±8.5V, RL = 10Ω (Note 5)
l
55
68
dB
VS = ±5V, VOUT = ±2V, RL = 10Ω
l
55
68
dB
ROL
Transresistance, ∆VOUT/∆IIN–
TA = 25°C, VS = ±15V, VOUT = ±10V,
RL = 10Ω (Note 5)
100
260
kΩ
VS = ±15V, VOUT = ±8.5V, RL = 10Ω (Note 5)
l
75
200
kΩ
VS = ±5V, VOUT = ±2V, RL = 10Ω
l
75
200
kΩ
VOUT
Maximum Output Voltage Swing
TA = 25°C, VS = ±15V, RL = 10Ω (Note 5)
l
±10.0
±8.5
±11.5
V
V
TA = 25°C, VS = ±5V, RL = 10Ω
l
±2.5
±2.0
±3.0
V
V
IOUT
Maximum Output Current (Note 5)
VS = ±15V, RL = 1Ω
l
1.1
2.0
A
IS
Supply Current (Note 5)
TA = 25°C, VS = ±15V, VSD = 0V
l
35
50
65
mA
mA
Supply Current, RSD = 51kΩ (Notes 5, 6) TA = 25°C, VS = ±15V
15
30
mA
Positive Supply Current, Shutdown
VS = ±15V, VSD = 15V
l
200
µA
Output Leakage Current, Shutdown
VS = ±15V, VSD = 15V
l
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com