Electronic Components Datasheet Search
  English  ▼

X  

LT1363 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1363
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1363 Datasheet(HTML) 2 Page - Analog Devices

  LT1363 Datasheet HTML 1Page - Analog Devices LT1363 Datasheet HTML 2Page - Analog Devices LT1363 Datasheet HTML 3Page - Analog Devices LT1363 Datasheet HTML 4Page - Analog Devices LT1363 Datasheet HTML 5Page - Analog Devices LT1363 Datasheet HTML 6Page - Analog Devices LT1363 Datasheet HTML 7Page - Analog Devices LT1363 Datasheet HTML 8Page - Analog Devices LT1363 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1210
2
Rev C
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..................................................... ±18V
Input Current....................................................... ±15mA
Output Short-Circuit Duration
(Note 2) ..........................................Thermally Limited
Operating Temperature Range (Note 3)
LT1210C...............................................–40°C to 85°C
LT1210I................................................–40°C to 85°C
(Note 1)
R PACKAGE
7-LEAD PLASTIC D
TJMAX = 150°C, θJA = 25°C/WD
FRONT VIEW
OUT
V–
COMP
V+
SHUTDOWN
+IN
–IN
7
6
5
4
3
2
1
TAB
IS V+
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 40°C/W (Note 5)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
V+
OUT
V+
NC
–IN
NC
V+
V+
NC
V–
COMP
SHUTDOWN
+IN
NC
V+
T7 PACKAGE
7-LEAD TO-220
TJMAX = 150°C, θJC = 5°C/W
OUT
V–
COMP
V+
SHUTDOWN
+IN
–IN
FRONT VIEW
7
6
5
4
3
2
1
TAB
IS V+
Specified Temperature Range (Note 4)
LT1210C................................................... 0°C to 70°C
LT1210I................................................–40°C to 85°C
Junction Temperature ........................................ 150°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1210CR#PBF
LT1210CR#TRPBF
LT1210R
7-Lead Plastic DDPAK
0°C to 70°C
LT1210IR#PBF
LT1210IR#TRPBF
LT1210R
7-Lead Plastic DDPAK
–40°C to 85°C
LT1210CS#PBF
LT1210CS#TRPBF
LT1210CS
16-Lead Plastic SOIC
0°C to 70°C
LT1210CT7#PBF
N/A
LT1210CT7
7-Lead TO-220
0°C to 70°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
ORDER INFORMATION http://www.linear.com/product/LT1210#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com